Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR430 Datasheet(PDF) 23 Page - Analog Devices

Part # ADR430
Description  Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR430 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADR430 Datasheet HTML 16Page - Analog Devices ADR430 Datasheet HTML 17Page - Analog Devices ADR430 Datasheet HTML 18Page - Analog Devices ADR430 Datasheet HTML 19Page - Analog Devices ADR430 Datasheet HTML 20Page - Analog Devices ADR430 Datasheet HTML 21Page - Analog Devices ADR430 Datasheet HTML 22Page - Analog Devices ADR430 Datasheet HTML 23Page - Analog Devices ADR430 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 23 of 24
ORDERING GUIDE
Initial
Accuracy, ±
Model1
Output
Voltage (V)
(mV)
(%)
Temperature
Coefficient
Package (ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
ADR430ARZ
2.048
3
0.15
10
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR430ARZ-REEL7
2.048
3
0.15
10
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR430ARMZ
2.048
3
0.15
10
−40°C to +125°C
8-Lead MSOP
RM-8
50
R10
ADR430ARMZ-REEL7
2.048
3
0.15
10
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
R10
ADR430BRZ
2.048
1
0.05
3
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR430BRZ-REEL7
2.048
1
0.05
3
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR431ARZ
2.500
3
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR431ARZ-REEL7
2.500
3
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR431ARMZ
2.500
3
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
50
R12
ADR431ARMZ-REEL7
2.500
3
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
R12
ADR431BR
2.500
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR431BR-REEL7
2.500
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR431BRZ
2.500
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR431BRZ-REEL7
2.500
1
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR433ARZ
3.000
4
0.13
10
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR433ARZ-REEL7
3.000
4
0.13
10
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR433ARMZ
3.000
4
0.13
10
−40°C to +125°C
8-Lead MSOP
RM-8
50
R14
ADR433ARMZ-REEL7
3.000
4
0.13
10
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
R14
ADR433BRZ
3.000
1.5
0.05
3
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR433BRZ-REEL7
3.000
1.5
0.05
3
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR434ARZ
4.096
5
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR434ARZ-REEL7
4.096
5
0.12
10
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR434ARMZ
4.096
5
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
50
R16
ADR434ARMZ-REEL7
4.096
5
0.12
10
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
R16
ADR434BRZ
4.096
1.5
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR434BRZ-REEL7
4.096
1.5
0.04
3
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR435ARZ
5.000
6
0.12
10
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR435ARZ-REEL7
5.000
6
0.12
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR435ARMZ
5.000
6
0.12
10
–40°C to +125°C
8-Lead MSOP
RM-8
50
R18
ADR435ARMZ-REEL7
5.000
6
0.12
10
–40°C to +125°C
8-Lead MSOP
RM-8
1,000
R18
ADR435BRMZ
5.000
2
0.04
3
–40°C to +125°C
8-Lead MSOP
RM-8
50
R19
ADR435BRMZ-R7
5.000
2
0.04
3
–40°C to +125°C
8-Lead MSOP
RM-8
1,000
R19
ADR435BRZ
5.000
2
0.04
3
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR435BRZ-REEL7
5.000
2
0.04
3
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR439ARZ-REEL7
4.500
5.5
0.12
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR439ARMZ-REEL7
4.500
5.5
0.12
10
–40°C to +125°C
8-Lead MSOP
RM-8
1,000
R1C
ADR439BRZ-REEL7
4.500
2
0.04
3
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com