Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201 Datasheet(PDF) 2 Page - Formosa MS

Part # RL201
Description  2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RL201 Datasheet(HTML) 2 Page - Formosa MS

  RL201 Datasheet HTML 1Page - Formosa MS RL201 Datasheet HTML 2Page - Formosa MS RL201 Datasheet HTML 3Page - Formosa MS RL201 Datasheet HTML 4Page - Formosa MS RL201 Datasheet HTML 5Page - Formosa MS RL201 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0123456
247944



 
!
"#$% $&'()*+,
"-&$($. %/01)22(
%
32456!

"7&#.!!$'3!
"%6!&!57$&&!-!
"8&53- & 95
"
:42;4<1=>7
6
51
752
)&!$&
!$&
!&
!'3$!@ &


&

$A
)*
+,
+9
@
2,9
A
%/
B9
+9
@
2,9
A
%/
B9
9
C@
D9
EA
9
2C@
,9
4A
9
C@
9
A
9
24@
9
DA
)/
-9
9
+@
C9
EA
9
+@
29
EA
)/
-9
F=GH=I40J
F14>G1I
-&


 K&
'$

36533
$&
5!9
L&
53'6!' .&

&

9
L&
53$65' .&

&

9
0&

&
'!6..'
&
!5'3&
M
6!'
&
!9

 
$ !K&
! !
$
!$
%/
01)+,N
224
"OPQQRSUVWURXYRZ[\]^W[_`a]XVQb]]c[b\^d]SefghijVWe
"
"
"
"
"
klmnopqkrklmns
mt
nuuv6
47
w151G47:>Gx=I1
k126
y6
1GIz{n|zonnn|
l14919
}+~ 
&

&
K K$K

5
}2~%0K

5
}C#!
&
!66$K$K

5
}%& 6 
€K

5/‚29
-
ƒ
7-~-% 1 ~
#*B)/
1/
*B0
ƒ€'
&

&
'6!
ƒ€$65'6!
~K$'6!
13 $&
$
!'
)&
M
6!'
&
!' '&

!'
0ƒ&
59
2
49
C $$&
!5
3
$&
!€K$6 & $!


@„ ) # 
3A
0 . %/
B9 1…79 %-†9 B/
1
/
*
/
ƒ0%
/
~
#
„
-
-
‡-
*#N
8
ƒ
29

D
,9


*
 ‚ 
1 ‚ 2,#
~
~~%
„
*
 ‚ 
1 ‚ +#
~
~~%
„
„6!'
&
!
 .&
!
2
,
~
ˆ„-
~2+
~22
~2C
C,
D
+
,
+
2
0…%‰*0

~~%
@A

~%0

~
@A
@A
}+
}2
}C

ƒ
@A
}
~2
~2,
24
2

E
+9

,,
Š+2,
~2E
~2D
4
+
,E
D
,
+
2

E
4
+
0
5
 
6

‚+%L‹! 
&
)#K$K

5
1
01Œ
*#
Š+D,
E,
*
@#A
* 
&
!5

 
6
1(
„
3


N
N
€€€9

 $ $9
' N
1 
44E222EEEE+
ƒ-†
44E222EE++
)'6 !/
)
/
$$6)

~K&
$)
 ~K&
$&
!
759
)0222++
24N
2N
+
2+N
CN
+
#
E
04v6
H>H G46
5<I4597
12G6
247Ž34G421G6
I6
2I@-11‚2,
-
# 6!
$$
3€&
$!
A
‘
’“•–’—–—˜–™–š’“›œšžŸ– –¡¢
‘
£
‘
–šŸ
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com