Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF5 Datasheet(PDF) 2 Page - Formosa MS

Part # SMF5
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMF5 Datasheet(HTML) 2 Page - Formosa MS

  SMF5 Datasheet HTML 1Page - Formosa MS SMF5 Datasheet HTML 2Page - Formosa MS SMF5 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number
Add C For
Bi-Directional
(Note 4)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 5)
Test
Current
Max. Reverse
Leakage @
VRWM (Note 6)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (
mA)
VC (V)
(A)
BI-
UNI-
SMF5.0(C)A
5.0
6.40
7.25
10
800
9.2
21.7
TE
KE
SMF6.0(C)A
6.0
6.67
7.37
10
800
10.3
19.4
TG
KG
SMF6.5(C)A
6.5
7.22
7.98
10
500
11.2
17.9
KK
TK
SMF7.0(C)A
7.0
7.78
8.60
10
200
12.0
16.7
TM
KM
SMF7.5(C)A
7.5
8.33
9.21
1.0
100
12.9
15.5
TP
KP
SMF8.0(C)A
8.0
8.89
9.83
1.0
50
13.6
14.7
TR
KR
SMF8.5(C)A
8.5
9.44
10.4
1.0
10
14.4
13.9
TT
KT
SMF9.0(C)A
9.0
10.0
11.1
1.0
5.0
15.4
13.0
TV
KV
SMF10(C)A
10
11.1
12.3
1.0
5.0
17.0
11.8
TX
KX
SMF11(C)A
11
12.2
13.5
1.0
5.0
18.2
11.0
TZ
KZ
SMF12(C)A
12
13.3
14.7
1.0
5.0
19.9
10.1
UE
LE
SMF13(C)A
13
14.4
15.9
1.0
5.0
21.5
9.3
UG
LG
SMF14(C)A
14
15.6
17.2
1.0
5.0
23.2
8.6
UK
LK
SMF15(C)A
15
16.7
18.5
1.0
5.0
24.4
8.2
UM
LM
SMF16(C)A
16
17.8
19.7
1.0
5.0
26.0
7.7
UP
LP
SMF17(C)A
17
18.9
20.9
1.0
5.0
27.6
7.2
UR
LR
SMF18(C)A
18
20.0
22.1
1.0
5.0
29.2
6.8
UT
LT
SMF20(C)A
20
22.2
24.5
1.0
5.0
32.4
6.2
UV
LV
SMF22(C)A
22
24.4
26.9
1.0
5.0
35.5
5.6
UX
LX
SMF24(C)A
24
26.7
29.5
1.0
5.0
38.9
5.1
UZ
LZ
SMF26(C)A
26
28.9
31.9
1.0
5.0
42.1
9.5
VE
ME
SMF28(C)A
28
31.1
34.4
1.0
5.0
45.4
8.8
VG
MG
SMF30(C)A
30
33.3
36.8
1.0
5.0
48.4
8.3
VK
MK
SMF33(C)A
33
36.7
40.6
1.0
5.0
53.3
7.5
VM
MM
SMF36(C)A
36
40.0
44.2
1.0
5.0
58.1
6.9
VP
MP
SMF40(C)A
40
44.4
49.1
1.0
5.0
64.5
6.2
VR
MR
SMF43(C)A
43
47.8
52.8
1.0
5.0
69.4
5.7
VT
MT
SMF45(C)A
45
50.0
55.3
1.0
5.0
72.7
5.5
VV
MV
SMF48(C)A
48
53.3
58.9
1.0
5.0
77.4
5.2
VX
MX
SMF51(C)A
51
56.7
62.7
1.0
5.0
82.4
4.9
VZ
MZ
SMF54(C)A
54
60.0
66.3
1.0
5.0
87.1
4.6
WE
NE
SMF58(C)A
58
64.4
71.2
1.0
5.0
93.6
4.3
WG
NG
SMF60(C)A
60
66.7
73.7
1.0
5.0
96.8
4.1
WK
NK
SMF64(C)A
64
71.1
78.6
1.0
5.0
103
3.9
WM
NM
SMF70(C)A
70
77.8
86.0
1.0
5.0
113
3.5
WP
NP
SMF75(C)A
75
83.3
92.1
1.0
5.0
121
3.3
WR
NR
SMF78(C)A
78
86.7
95.8
1.0
5.0
126
2.2
WT
NT
SMF85(C)A
85
94.4
104
1.0
5.0
137
2.9
WV
NV
SMF90(C)A
90
100
111
1.0
5.0
146
2.7
WX
NX
SMF100(C)A
100
111
123
1.0
5.0
162
2.5
WZ
NZ
SMF110(C)A
110
122
135
1.0
5.0
177
2.3
XE
PE
SMF120(C)A
120
133
147
1.0
5.0
193
2.0
XG
PG
SMF130(C)A
130
144
159
1.0
5.0
209
1.9
XK
PK
SMF150(C)A
150
167
185
1.0
5.0
243
1.6
XM
PM
SMF160(C)A
160
178
197
1.0
5.0
259
1.5
XP
PP
SMF170(C)A
170
189
209
1.0
5.0
275
1.4
XR
PR
Notes:
4. Suffix C denotes Bi-directional device.
5. VBR measured with IT current pulse = 300
ms
6. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
SMF5.0(C)A THRU SMF170(C)A
TRANSIENT VOLTAGE SUPPRESSOR
–—˜™—š›ž
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
DS-241132
2008/02/10
2010/06/10
B
3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com