Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT04FSZ Datasheet(PDF) 6 Page - Analog Devices

Part # MAT04FSZ
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT04FSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button MAT04FSZ Datasheet HTML 2Page - Analog Devices MAT04FSZ Datasheet HTML 3Page - Analog Devices MAT04FSZ Datasheet HTML 4Page - Analog Devices MAT04FSZ Datasheet HTML 5Page - Analog Devices MAT04FSZ Datasheet HTML 6Page - Analog Devices MAT04FSZ Datasheet HTML 7Page - Analog Devices MAT04FSZ Datasheet HTML 8Page - Analog Devices MAT04FSZ Datasheet HTML 9Page - Analog Devices MAT04FSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
MAT04
–6–
TPC 11. Collector-to-Base
Capacitance vs. Collector-to-
Base Voltage
TPC 12. Collector-to-Substrate
Capacitance vs. Collector-to-
Substrate Voltage
TPC 10. Total Noise vs.
Collector Current
APPLICATION NOTES
It is recommended that one of the substrate pins (Pins 4 and 11)
be tied to the most negative circuit potential to minimize cou-
pling between devices. Pins 4 and 11 are internally connected.
APPLICATIONS
CURRENT SOURCES
The MAT04 can be used to implement a variety of high imped-
ance current mirrors as shown in Figures 1, 2, and 3. These
current mirrors can be used as biasing elements and load de-
vices for amplifier stages.
Figure 1. Unity Gain Current Mirror, IOUT = IREF
The unity-gain current mirror of Figure 1 has an accuracy of
better than 1% and an output impedance of over 100 M
Ω at
100
µA. Figures 2 and 3 show modified current mirrors de-
signed for a current gain of two, and one-half respectively. The
accuracy of these mirrors is reduced from that of the unity-gain
source due to base current errors but is still better than 2%.
Figure 2. Current Mirror, IOUT = 2(lREF)
Figure 3. Current Mirror, IOUT = 1/2(IREF)
Figure 4 is a temperature independent current sink that has an
accuracy of better than 1% at an output current of 100
µA to 1
mA. The Schottky diode acts as a clamp to ensure correct cir-
cuit start-up at power on. The resistors used in this circuit
should be 1% metal-film type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com