Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP37GPZ Datasheet(PDF) 13 Page - Analog Devices

Part # OP37GPZ
Description  Low Noise, Precision, High Speed tional Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP37GPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button OP37GPZ Datasheet HTML 8Page - Analog Devices OP37GPZ Datasheet HTML 9Page - Analog Devices OP37GPZ Datasheet HTML 10Page - Analog Devices OP37GPZ Datasheet HTML 11Page - Analog Devices OP37GPZ Datasheet HTML 12Page - Analog Devices OP37GPZ Datasheet HTML 13Page - Analog Devices OP37GPZ Datasheet HTML 14Page - Analog Devices OP37GPZ Datasheet HTML 15Page - Analog Devices OP37GPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
OP37
–13–
Table I.
Source
Device
Impedance
Comments
Straln Gauge
<500
W
Typically used in low-frequency
applications.
Magnetic
<1500
W
Low IB very important to reduce
Tapehead
set-magnetization problems when
direct coupling is used. OP37
IB can be neglected.
Magnetic
<1500
W
Similar need for low IB in direct
Phonograph
coupled applications. OP37 will not
Cartridges
introduce any self-magnetization
problem.
Linear Variable <1500
W
Used in rugged servo-feedback
Differential
applications. Bandwidth of interest
Transformer
is 400 Hz to 5 kHz.
Audio Applications
The following applications information has been abstracted from
a PMI article in the 12/20/80 issue of Electronic Design magazine
and updated.
Ca
150pF
A1
OP27
Ra
47.5k
R1
97.6k
MOVING MAGNET
CARTRIDGE INPUT
R2
7.87k
R3
100
C1
0.03 F
C2
0.01 F
C3
0.47 F
R4
75k
++
C4 (2)
220 F
LF ROLLOFF
OUT
IN
OUTPUT
R5
100k
G = 1kHz GAIN
= 0.101 (
)
R1
R3
1 +
= 98.677 (39.9dB) AS SHOWN
Figure 8. Phono Pre-Amplifier Circuit
Figure 8 is an example of a phono pre-amplifier circuit using the
OP27 for A1; R1-R2-C1-C2 form a very accurate RIAA net-
work with standard component values. The popular method to
accomplish RIAA phono equalization is to employ frequency-
dependent feedback around a high-quality gain block. Properly
chosen, an RC network can provide the three necessary time
constants of 3180
ms, 318 ms, and 75 ms.1
For initial equalization accuracy and stability, precision metal-
film resistors and film capacitors of polystyrene or polypropylene
are recommended since they have low voltage coefficients,
dissipation factors, and dielectric absorption.
4 (High-K ceramic
capacitors should be avoided here, though low-K ceramics—
such as NPO types, which have excellent dissipation factors,
and somewhat lower dielectric absorption—can be considered
for small values or where space is at a premium.)
The OP37 brings a 3.2 nV/
÷Hz voltage noise and 0.45 pA/÷Hz
current noise to this circuit. To minimize noise from other sources,
R3 is set to a value of 100
W, which generates a voltage noise of
1.3 nV/
÷Hz. The noise increases the 3.2 nV/÷Hz of the amplifier
by only 0.7 dB. With a 1 k
W source, the circuit noise measures
63 dB below a 1 mV reference level, unweighted, in a 20 kHz
noise bandwidth.
Gain (G) of the circuit at 1 kHz can be calculated by the expression:
G
R
R
=+
Ê
ËÁ
ˆ
¯˜
0 101 1
1
3
.
For the values shown, the gain is just under 100 (or 40 dB).
Lower gains can be accommodated by increasing R3, but gains
higher than 40 dB will show more equalization errors because of
the 8 MHz gain bandwidth of the OP27.
This circuit is capable of very low distortion over its entire range,
generally below 0.01% at levels up to 7 V rms. At 3 V output
levels, it will produce less than 0.03% total harmonic distortion
at frequencies up to 20 kHz.
Capacitor C3 and resistor R4 form a simple –6 dB per octave
rumble filter, with a corner at 22 Hz. As an option, the switch
selected shunt capacitor C4, a nonpolarized electrolytic, bypasses
the low-frequency rolloff. Placing the rumble filter’s high-pass
action after the preamp has the desirable result of discriminating
against the RIAA amplified low frequency noise components
and pickup-produced low-frequency disturbances.
A preamplifier for NAB tape playback is similar to an RIAA
phono preamp, though more gain is typically demanded, along
with equalization requiring a heavy low-frequency boost. The
circuit In Figure 8 can be readily modified for tape use, as
shown by Figure 9.
Ca
Ra
R1
33k
TAPE
HEAD
0.47 F
0.01 F
R2
5k
100k
15k
T1 = 3180 s
T2 = 50 s
OP37
+
–
Figure 9. Tape-Head Preamplifier
While the tape-equalization requirement has a flat high frequency
gain above 3 kHz (t2 = 50
ms), the amplifier need not be stabilized
for unity gain. The decompensated OP37 provides a greater
bandwidth and slew rate. For many applications, the idealized
time constants shown may require trimming of Ra and R2 to
optimize frequency response for non ideal tape head perfor-
mance and other factors.
5
The network values of the configuration yield a 50 dB gain at 1 kHz,
and the dc gain is greater than 70 dB. Thus, the worst-case out-
put offset is just over 500 mV. A single 0.47
mF output capacitor
can block this level without affecting the dynamic range.
The tape head can be coupled directly to the amplifier input,
since the worst-case bias current of 85 nA with a 400 mH, 100
min.
head (such as the PRB2H7K) will not be troublesome.
One potential tape-head problem is presented by amplifier bias-
current transients which can magnetize a head. The OP27 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com