Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS84 Datasheet(PDF) 1 Page - Formosa MS

Part # SS84
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS84 Datasheet(HTML) 1 Page - Formosa MS

  SS84 Datasheet HTML 1Page - Formosa MS SS84 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01245
678
9
46 6 26
9
272

9
8
2
76
68


5
669
5
9
8
5
6779

9
68
9


78
8
9
8
9
5
927!9


22
5
245
678
9
8
219
"2

2!2
725
26 6 2
#9
1

6
7
2
286469
5
9
8

#9
18
242
68

275
2
9
 6
68
22$
%&'
(
%&)*
+(
,&-
672
.727
/0123405
607819:
71;=121
61>:
636412:
9?519=0;0724:
71;781417204:
52:
75
@68
9
 768%&69
288
242
68

25
2778
12
9
727429

9
2(
A9
 5
241672165


6!2+# '
279
78
9
!29
8
9
!25
6'

6469
8
9
!25
6
282
68
2%B(
%
.
%
,
%.
,

%C

&
,&
&
+
%
+
C
&+
C
D0A
D0A
D0A
39:
25
E47
E47
5
8
7
C(

.&(

(
F
D42
68
9
 G
8
9
8
242
68

2
6 2
H6I9

2428
9
8
9
!2426
2!2
72!5
8
6 2
H6I9
@HA!5
8
6 2
H6I9
J5
 9
 !5
8
6 2
H6I9
6!2
6 2

6

28
9

9
2
28
*
722
9
(
.-
K26 

6
7
2
28
C(
,779
 5
2165
79
2
6!2742
9
472
68
25
6*
LMJMH28
1-
H6I9
9
78
68
627

6
!5
8
6 268C(
E
H6I9
J
2!2
72
28 01N%&
68
68
2J5
 9
 !5
8
6 2
01N.
049
65G
8
9
6469
8
62*
OD0M.-
.(

%(

&
4

E
049
658
12
65
279
78
62*
OD0M%-
P
Q
.
F
.
F

F

+,

A8

6 28
242
68

2
6 2


+&8
R.&

+&8
R.%&

+&8
R.&
.&(

&(

(
&&
(
C&
&&
55
ST
55
SU
55
SV
55
SW
55
SX
55
SS
55
SY
55
SZ
55
S[\
]^_`ab]
446
465
=7
c
d
1ef
c
/56
/
c
4
@gh7
h
0h
052?
ij
klmnj
omnj
mj
mqrlnsmtu
kj
v
v
j
klw
lx
ny
z{
||}u
}{
~y
z{
|}€u
{
|y
z{
}‚zu
ƒ{
}y
z{
|zu
ƒ{
ƒy
z{
}|ƒu
{
zy
z{
}€zu
„{
|zy
z{
z~ƒu
}{
}y
z{
|z}u
}{
„y
z{
zzu
z{
ƒ„y
z{
zzu
|{
}ƒy
z{
|‚u
~{
|zy
z{
u
~{
|y
z{
z|}u
z{
zy
z{
zz„u
z{
|}y
z{
zz~u
z{
}zy
…†‡{
567ˆ
=‰Š
T[W1‹
7ŒŽ$LMJMJD
%.E5
245
678
9

2ސ‘’
“Œ”
$K5
68
26I9
655
267'75
2
65
242Hc

A0J
F&'
H28
1%%+
•–”
Œ’
—
˜$5
628
2768
122
6–™“—
’
“š•–’
—
’
–“$E
›Ž’
šœ—
$
(
C2'(
%.F
67
9–—
Ž
.(
H267
268.H# 66445
9
2
2!2
72!5
8
6 2(
J(
(
%(
K(
(
(8
29
8
1(
+I(
+)*
.+I.+-442466
267
55ST284355S[\
534/1706‰392578‰22žŸ‹144:
044072:
/:
04
 ¡¢¡£¤¡¦§¨
©
ª«¡¬}zw
o|zz­ov
w
n ®§£¯ª£°±²££¡³©¬~{
z†kµlx
ln
¶·¸¹·º»½¾
¿ÀÁÂÄ
ÆÇÈÉÊÂËÌÍ
Æ
Í
ÎÎÉÂÏÆÀÌ
Â
ÐÂÑÒ
ÎÂÏÆÀÌ
 ÐÂÑÒ
ÎÒ
ÇË
¿ÀÁÂÓ
ÔÌ
Ì
ÕÖ
×
×
ØØØÓ
Ù
ÇÚÊÇÎÀÊÎÓ
ÈÇÊ×
ÛÜÝÖ
ÞÞßàáàááßâßßßÄ
ãäåÖ
ÞÞßàáàááßâßÄæÄ
Æçàáááßæè
áééÞ×
éá×
Äé
áéÄé×
éê×
Äé
ë
á
深圳FMS
Kinter
131
6803
0058


Similar Part No. - SS84

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS84 FRONTIER-SS84 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS84 LUGUANG-SS84 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS84 CHENDA-SS84 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS84 DGNJDZ-SS84 Datasheet
665Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
SS84 DGNJDZ-SS84 Datasheet
703Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS84

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com