Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKT1813-422-014-R Datasheet(PDF) 13 Page - Vishay Siliconix

Part # MKT1813-422-014-R
Description  DC Film Capacitors MKT Axial Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813-422-014-R Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button MKT1813-422-014-R Datasheet HTML 7Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 8Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 9Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 10Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 11Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 12Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 13Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 14Page - Vishay Siliconix MKT1813-422-014-R Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MKT1813
www.vishay.com
Vishay Roederstein
Revision: 04-Jul-13
13
Document Number: 26013
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1B PART OF SAMPLE
OF SUB-GROUP C1
4.9
Shock
Mounting:
See section “Mounting” of this specification
Pulse shape: Half sine
Acceleration: 490 m/s2
Duration of pulse: 11 ms
4.9.3
Final measurements
Visual examination
No visible damage
Capacitance
|
C/C|  3 % of the value measured in 4.6.1
Tangent of loss angle
Increase of tan
 
 0.005 for: C  100 nF or
 0.010 for: 100 nF < C  220 nF or
 0.015 for: 220 nF < C  470 nF and
 0.003 for: C > 470 nF
Compared to values measured in 4.6.1
Insulation resistance
As specified in section “Insulation
Resistance” of this specification
SUB-GROUP C1 COMBINED SAMPLE
OF SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.10
Climatic sequence
4.10.2
Dry heat
Temperature: + 100 °C
Duration: 16 h
4.10.3
Damp heat cyclic
Test Db, first cycle
4.10.4
Cold
Temperature: - 55 °C
Duration: 2 h
4.10.6
Damp heat cyclic
Test Db, remaining cycles
4.10.6.2 Final measurements
Voltage proof = URDC for 1 min within 15 min
after removal from testchamber
No breakdown of flash-over
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 
4.4.2 or 4.9.3
Tangent of loss angle
Increase of tan

 0.007 for: C  100 nF or
 0.010 for: 100 nF < C  220 nF or
 0.015 for: 220 nF < C  470 nF and
 0.005 for: C > 470 nF
Compared to values measured in
4.3.1 or 4.6.1
Insulation resistance
 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C2
4.11
Damp heat steady state
56 days, 40 °C, 90 % to 95 % RH
4.11.1
Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com