Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1830 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA1830
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1830 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA1830 Datasheet HTML 3Page - Cree, Inc CXA1830 Datasheet HTML 4Page - Cree, Inc CXA1830 Datasheet HTML 5Page - Cree, Inc CXA1830 Datasheet HTML 6Page - Cree, Inc CXA1830 Datasheet HTML 7Page - Cree, Inc CXA1830 Datasheet HTML 8Page - Cree, Inc CXA1830 Datasheet HTML 9Page - Cree, Inc CXA1830 Datasheet HTML 10Page - Cree, Inc CXA1830 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa1830 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 800 ma, tJ = 85 °c)
XLamp CXA1830 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 800 ma
max. luminous flux
@ 800 ma
p4
1965
2100
Q2
2100
2260
Q4
2260
2420
R2
2420
2600
R4
2600
2780
S2
2780
2990
S4
2990
3200
T2
3200
3440
T4
3440
3680
U2
3680
3955
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com