Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3070 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA3070
Description  LED array expands Crees family of high flux, multi die integrated arrays
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3070 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA3070 Datasheet HTML 3Page - Cree, Inc CXA3070 Datasheet HTML 4Page - Cree, Inc CXA3070 Datasheet HTML 5Page - Cree, Inc CXA3070 Datasheet HTML 6Page - Cree, Inc CXA3070 Datasheet HTML 7Page - Cree, Inc CXA3070 Datasheet HTML 8Page - Cree, Inc CXA3070 Datasheet HTML 9Page - Cree, Inc CXA3070 Datasheet HTML 10Page - Cree, Inc CXA3070 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa3070 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 1925 ma, tJ = 85 °c)
XLamp CXA3070 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 1925 ma
max. luminous flux
@ 1925 ma
W2
4860
5225
W4
5225
5590
X2
5590
6010
X4
6010
6430
Y2
6430
6910
Y4
6910
7390
Z2
7390
7945
Z4
7945
8500
AB
8500
9000
AD
9000
9500
BB
9500
10,000
BD
10,000
11,000
CB
11,000
12,000
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com