Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO7417 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7417
Description  20V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7417 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7417_13 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7417_13 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7417_13 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7417_13 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO7417
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
VDS=-20V,VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-0.5
-0.65
-1
V
ID(ON)
-20
A
65
80
TJ=125°C
90
110
80
100
m
Ω
100
125
m
Ω
115
150
m
Ω
gFS
10
S
VSD
-0.7
-1
V
IS
-1
A
Ciss
560
745
pF
Coss
80
pF
Crss
70
pF
Rg
15
23
Ω
Qg
8.5
11
nC
Qgs
1.2
nC
Qgd
2.1
nC
t
7.2
ns
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-2A
Gate Source Charge
IS=-1A,VGS=0V
VDS=-5V, ID=-2A
VGS=-1.8V, ID=-1.5A
VGS=-2.5V, ID=-1.8A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
RDS(ON)
Static Drain-Source On-Resistance
VGS=-1.5V, ID=-0.5A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
m
Ω
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-2A
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS ID=-250µA
VDS=0V, VGS=±8V
Gate-Body leakage current
Forward Transconductance
Gate Drain Charge
Diode Forward Voltage
tD(on)
7.2
ns
tr
36
ns
tD(off)
53
ns
tf
56
ns
trr
37
49
ns
Qrr
27
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=-2A, dI/dt=100A/µs
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=5Ω,
RGEN=6Ω
Body Diode Reverse Recovery Time
IF=-2A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 300
µs pulse width, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev.1. 0: March 2013
www.aosmd.com
Page 2 of 4
万和兴电子有限公司 www.whxpcb.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com