Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1830-0000-000N0YR435F Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA1830-0000-000N0YR435F
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1830-0000-000N0YR435F Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA1830-0000-000N0YR435F Datasheet HTML 2Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 3Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 4Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 5Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 6Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 7Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 8Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 9Page - Cree, Inc CXA1830-0000-000N0YR435F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa1830 LED
relative luminous fluX
The relative luminous flux values provided below are the ratio of:
• measurements of CXA1830 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 800 mA at T
J = 85 °C.
For example, at steady-state operation of Tc = 55 °C, I
F = 1000 mA, the relative luminous flux ratio is 120% in the
chart below. A CXA1830 LeD that measures 2100 lm during binning will deliver 2340 lm (2100 * 1.2) at steady-state
operation of Tc = 55 °C, I
F = 1000 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
400
600
800
1000
1200
1400
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com