Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO7414 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7414
Description  20V N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7414 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7414_13 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7414_13 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7414_13 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7414_13 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO7414
Symbol
Min
Typ
Max
Units
BVDSS
20
V
VDS=20V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
0.5
0.68
1
V
ID(ON)
25
A
50
62
TJ=125°C
70
90
56
70
m
Ω
66
85
m
Ω
gFS
15
S
VSD
0.7
1
V
IS
0.35
A
Ciss
260
320
pF
Coss
48
pF
Crss
27
pF
Rg
3
4.5
Ω
Qg
2.9
3.8
nC
Qgs
0.4
nC
Qgd
0.6
nC
tD(on)
2.5
ns
t
3.2
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
V
=4.5V, V =10V, R =5
Ω,
Reverse Transfer Capacitance
VGS=0V, VDS=10V, f=1MHz
SWITCHING PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=4.5V, VDS=10V, ID=2A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=2A
VGS=2.5V, ID=1.8A
Forward Transconductance
Diode Forward Voltage
VGS=1.8V, ID=1A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=4.5V, ID=2A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS,ID=250µA
VDS=0V, VGS=±8V
tr
3.2
ns
tD(off)
21
ns
tf
3
ns
trr
14
19
ns
Qrr
3.4
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=4.5V, VDS=10V, RL=5Ω,
RGEN=6Ω
Body Diode Reverse Recovery Charge IF=2A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
IF=2A, dI/dt=100A/µs
Turn-Off Fall Time
Body Diode Reverse Recovery Time
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev.2.0: April 2013
www.aosmd.com
Page 2 of 4
万和兴电子有限公司 www.whxpcb.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com