Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD06 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD06
Description  6W AC-DC Class II LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD06 Datasheet(HTML) 2 Page - Recom International Power

  RACD06 Datasheet HTML 1Page - Recom International Power RACD06 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-electronic.com
L-22
REV: 1/2013
64
58
21
35
1.5
68
Output Current
24V
Nominal Current Limit
22V
3V
CV
CV
Output Current
Nominal Current Limit
12V
14V
CV
Output Current
12.5V
Nominal Current Limit
CV
8.4V
3V
3V
TC
1
15
RACD06
Series
LIGHTLINE
AC/DC-Converter
Package Style and Pinning
Characteristics
Connections
CN1
Function
L
VAC in (L)
N
VAC in (N)
CN2
Function
+
LED+
-
LED-
Tolerance
XX = +/-0.5mm
XX.X = +/-0.25mm
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max.
IP Rating
IP20, Indoor Use Only
Weight
34g
Packing Quantity
10pc
PCB Material
(UL94V-0)
Plastic Resin with Fibreglass
Case Material
(UL94V-0)
Plastic
Designed to meet Standards
Electrical Lighting, EMC Emissions
EN55015:2006 + A1: 2007 + A2:2009
Limits for Harmonics Emissions
EN 61000-3-2:2006
EMC Compatibilty: Flicker and Voltage Variations
EN 61000-3-3:2006
Electrical Lighting: EMC Immunity
EN 61547:1995 + A1:2000
Class II Power Supply Safety
UL1310
FCC
FCC18A
Certifications
LED Lighting Safety (E340696)
designed to meet UL8750
RCM (U21382)
AS/NZS 61347.1:2002, IEC 61347-2-13
ENEC General Safety
EN 61347-1: 2008
ENEC Safety of AC supplied Control Gear for LED Modules
EN 61347-2-13: 2006
Design Lifetime
25°C ambient
>20 x 10³ hours in operation
Connections
AC Input
Screw terminal
LED Output
Screw Terminal*
* Do not connect or disconnect the LED load while the converter is on. This may damage the LED or reduce its life.
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
2 Mounting screws are included
Tc = Case Temperature Measuring Point
3rd angle
projection
Constant Current (CC) and Constant Voltage (CV) Graph
RACD06-350
RACD06-500
RACD06-700



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com