Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD100 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD100
Description  CE and UL Certified Class 1 LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD100 Datasheet(HTML) 2 Page - Recom International Power

  RACD100 Datasheet HTML 1Page - Recom International Power RACD100 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
L-47
REV: 2/2013
Derating Curve
RACD100
Series
LIGHTLINE
AC/DC-Converter
3rd angle
projection
-30
10
-10
30
50
70
20%
40%
60%
80%
100%
Load
Ambient Temperature (°C)
90
130
100
180 220
300
20%
40%
60%
80%
100%
Load
Input Voltage (VAC)60Hz
240
Ta=25°C
55
Characteristics
Package Style and Pinning
Vout
(min)
CV
CC
12
9
8.3
Iout
Vout
(min)
CV
CC
24
14
4.2
Iout
Vout
(min)
CV
CC
36
26
2.8
Iout
Vout
(min)
CV
CC
48
34
2.1
Iout
Vout
(nom)
Vout
(nom)
Vout
(nom)
Vout
(nom)
00
0
0
RACD100-12
RACD100-24
RACD100-36
RACD100-48
222.0
199.2
11.4
7.0
8.9
8.9
34.2
300±20
AC/L (Brown)
AC/N (Blue)
Earth (Green/Yellow)
68.0
300±20
16AWG
+V(Red)
-V(Black)
14AWG
for RACD100-12
39.0
99.6
34.0
Tc
35±5
10±3
35±5
10±3
Constant Voltage / Constant Current Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com