Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2540 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA2540
Description  Retail Track Light Reference Design
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA2540 Datasheet HTML 3Page - Cree, Inc CXA2540 Datasheet HTML 4Page - Cree, Inc CXA2540 Datasheet HTML 5Page - Cree, Inc CXA2540 Datasheet HTML 6Page - Cree, Inc CXA2540 Datasheet HTML 7Page - Cree, Inc CXA2540 Datasheet HTML 8Page - Cree, Inc CXA2540 Datasheet HTML 9Page - Cree, Inc CXA2540 Datasheet HTML 10Page - Cree, Inc CXA2540 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
We performed thermal simulation to verify that this thermal design is sufficient.7 Figure 3 shows thermal images of
the lamp assembly. The simulated peak solder point temperature (T
SP) is 64 °C, or 39 °C above ambient. The thermal
resistance of the XLamp CXA2530 LeD is 0.8 °C/w, so at 42 w the junction temperature (T
J) will be approximately 98 °C.
figure 3: CXA2530 retail track light thermal simulation
Drive Electronics
Cree selected a dimmable, universal input voltage driver to supply power to the retail track light.8 The driver is a slightly
modified version of a commercially available driver model. The driver, shown in Figure 4, is located off the track and is
attached to the heat sink/housing assembly.
figure 4: CXA2530 retail track light driver
secondary optics
It is a challenge to create a narrow-beam optic for a relatively large light source such as the XLamp CXA2530 LeD. This
design meets the challenge with a custom reflector that is about 89% optically efficient and produces a 16° beam angle.9
The reflector, shown in Figure 5, fits within the heat sink/housing assembly.
7
For additional information on thermal management, refer to the Thermal Management of Cree XLamp LEDs Application Note, AP05,
www.cree.com/xlamp_app_notes/thermal_management
8
model erP040w-1000-39, energy recovery Products (erP), www.erppowerllc.com/
9
model 4-1361-1, Nata Lighting Company Limited, www.nata.cn/
Thermal Simulation / Measurement
Copyright © 2010, Cree, Inc.
Cree Proprietary & Confidential
pg. 8
Thermal Simulation Tsp ~64C,
•About 75% of the 42W input power will convert
to heat and need sufficient heatsink to dissipate
the heat
•Thermal measurement by thermal couple: Tsp
~63.5C
•Calculated Tj ~94C
T2
T3
Tsp
T2
T3
63.5
℃
60.4
℃
℃
Thermal Simulation / Measurement
Copyright © 2010, Cree, Inc.
Cree Proprietary & Confidential
pg. 8
Thermal Simulation Tsp ~64C,
•About 75% of the 42W input power will convert
to heat and need sufficient heatsink to dissipate
the heat
•Thermal measurement by thermal couple: Tsp
~63.5C
•Calculated Tj ~94C
T2
T3
Tsp
T2
T3
63.5
℃
60.4
℃
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com