Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24PCF Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 24PCF
Description  Interactive Catalog Replaces Catalog Pages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PCF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  24PCF Datasheet HTML 1Page - Honeywell Solid State Electronics Center 24PCF Datasheet HTML 2Page - Honeywell Solid State Electronics Center 24PCF Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pressure Sensors
26PC Series
Gage Unamplified Compensated Flow-Through
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
23
FEATURES
Measure positive and negative gage
pressures
Flow-through port design fits in-line
with application
Popular port sizes:
- 8 mm (.315 in.) OD (1/4 in. ID tubing or
standard connectors)
- 0.144 in. OD (1/8 in. ID tubing)
Medical grade ISO 10993-1 (USP Class
6) port material
Silicon sensor chip
24 inch wire harness with splash proof
connector
Minimal deadspace — efficient cleans-
ing and disinfecting
26PC SERIES PERFORMANCE CHARACTERISTICS at 10.0 ±0.01 VDC
Excitation, 25°C
Min.
Typ.
Max.
Units
Excitation
---
10
16
VDC
Repeatability & Hysteresis
---
±0.20
---
%Span
Response Time
---
---
1.0
msec
Input Resistance
5.5 K
7.5 K
11.5 K
ohms
Output Resistance
1.5 K
2.5 K
3.0 K
ohms
Stability over One Year
---
±0.5
---
%Span
Weight
---
2
---
grams
Total error calculation, see page 105.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
−40° to 85°C (−40° to +185°F)
Storage Temperature
−55° to +100°C (−67° to +212°F)
Compensated Temperature
0° to +50°C (32° to +122°F)
Shock
Qualification tested to 150 g
Vibration
MIL-STD-202. Method 213 (150g halfsine,
11 msec)
Media (P1 & P2)
Limited only to those media which will not attack
polyetherimide, silicon, fluorosilicone, silicone,
EPDM, and neoprene seals.
26PC SERIES ORDER GUIDE
Pressure
Over-
Catalog
Range
Linearity
Null Shift
Null Offset
Span Shift
Span
Sensitivity pressure
Listing
(psi)
(% span)
(mV)
(mV)
(% span)
(mV)
mV/psi
psi
Typ.
Max
Typ.
Max
Min.
Typ.
Max.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
26PCA TYPE
1
0.25
0.5
±0.5 ±1.0 −1.5
0
+1.5 ±1.0 ±2.0
14.7
16.7
18.7
16.7
20
26PCB TYPE
5
0.4
0.5
±0.5 ±1.0 −1.5
0
+1.5 ±1.0 ±1.5
47
50
53
10.0
20
26PCC TYPE
15
0.25
0.5
±0.5 ±1.0 −1.5
0
+1.5 ±0.75 ±1.5
97
100
103
6.67
45
26PCD TYPE
30
0.1
0.2
±0.75 ±1.5 −1.5
0
+1.5 ±0.75 ±1.5
97
100
103
3.33
60
26PCF TYPE
100
0.1
0.2
±1.0 ±2.0 −2.0
0
+2.0 ±0.5 ±1.5
95
100
105
1.0
200
26PCJ TYPE
38*
0.1
0.5
±0.7 ±1.5 −1.5
0
+1.5 ±1.0 ±1.5
37.5
39.5
41.5
2.63
60
26PCK TYPE
38*
0.1
0.5
±0.7 ±1.5 −1.5
0
+1.5 ±1.0 ±1.5
37.5
39.5
41.5
2.63
60
*Accuracy specifications calculated at 15 psi.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com