Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

243PC Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 243PC
Description  Interactive Catalog Replaces Catalog Pages
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

243PC Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  243PC Datasheet HTML 1Page - Honeywell Solid State Electronics Center 243PC Datasheet HTML 2Page - Honeywell Solid State Electronics Center 243PC Datasheet HTML 3Page - Honeywell Solid State Electronics Center 243PC Datasheet HTML 4Page - Honeywell Solid State Electronics Center 243PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pressure Sensors
240PC Series
High Pressure Gage, Vacuum Gage/Amplified
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
51
FEATURES
Internal O-Ring seals for contamination
resistance
Screw-in or flat-pack mounting
Rugged aluminum housing
240PC SERIES PERFORMANCE CHARACTERISTICS at 8.0 ±0.01 VDC
Excitation, 25°C
Min.
Typ.
Max.
Units
Excitation
7.00
8.00
16.0
VDC
Supply Current
---
8.00
20.0
mA
Current Sourcing Output
---
---
10
mA
Null Offset (241/242PC)*
0.95
1.00
1.05
V
Null Offset (243PC)**
3.45
3.50
3.55
V
Output at Full Pressure**
5.80
6.00
6.20
V
Span (241/242PC)
4.80
5.00
5.20
V
Span (243PC)
---
±2.5
---
V
Ratiometricity Error
7 to 8 V or 8 to 9 V
---
±0.50
---
%Span
9 to 12 V
---
±2.00
---
Stability over One Year
---
±0.50
---
%Span
Response Time
---
---
1.00
msec
Weight
---
85
---
grams
Short Circuit Protection
Output may be shorted indefinitely to ground
Output Ripple
None, DC device
Ground Reference
Supply and output are common
*Positive (or negative) pressure measurement
**Positive and negative pressure measurement
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
−40° to +85°C (−40° to +185°F)
Storage Temperature
−40° to +85°C (−40° to +185°F)
Compensated Temperature
−18° to +63°C (0° to +145°F)
Shock
MIL-STD-202, Method 213 (50 g, half sine, 6 msec)
Vibration
MIL-STD-202, Method 204 (10 to 2000 Hz at 10 g)
Media
P2 port Wetted materials; die-cast aluminum housing,
O-ring seal, silicon, borosilicate glass, and silicon-
to-glass bond*
*Liquid media containing some highly ionic solutions could potentially neutralize the chip-to-glass tube
bond.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com