Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-7 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # JS-7
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-7 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  JS-7 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-7 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-7 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-7 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-7 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-7 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-7 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Basic Switches
SM Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
27
Characteristics: O.F. — Operating Force; R.F. — Release
Force; P.T. — Pretravel; O.T. — Overtravel; D.T. —
Differential Travel; O.P. — Operating Position.
ORDER GUIDE by ascending electrical capability
PIN PLUNGERS
Electrical
Data And
O.F.
R.F. min. P.T. max. O.T. min. D.T. max.
O.P.*
Catalog
UL Code newtons newtons
mm
mm
mm
mm
Listing
Recommended For
Page 20
ounces
ounces
inches
inches
inches
inches
11SM1077-T
Gold alloy contacts
.1 Amp
0,83-1,39
0,28
0,51
0,13
0,1
8,38
P
3-5
1
.020
.005
.004
.330
12SM604-T
Bifurcated gold contacts,
.1 Amp
0,83-1,39
0,28
0,51
0,076
0,1
8,38
reduced rating
P
3-5
1
.020
.003
.004
.330
11SM23-T
Application requiring gold
1 Amp
0,83-1,39
0,28
0,51
0,13
0,1
8,38
contacts
N
3-5
1
.020
.005
.004
.330
12SM4-T
Best reliability
1 Amp
0,83-1,39
0,28
0,51
0,076
0,1
8,38
(Bifurcated gold contacts)
N
3-5
1
.020
.003
.004
.330
11SM701-T
Lower force
4 Amps
0,56
0,14
0,51
0,13
0,051
8,38
S
2
.5
.020
.005
.002
.330
11SM1-T
Most applications
5 Amps
0,83-1,39
0,28
0,51
0,13
0,1
8,38
J
3-5
1
.020
.005
.004
.330
11SM3-T
Operating in temperatures
5 Amps
0,83-1,39
0,28
0,51
0,13
0,1
8,38
to
+250°F (121°C)
J
3-5
1
.020
.005
.004
.330
11SM244-T
Operating in temperatures
5 Amps
0,83-1,39
0,28
0,51
0,13
0,1
8,38
to
+400°F (204°C) 100 hrs.
*
3-5
1
.020
.005
.004
.330
11SM401-T
Less differential travel
5 Amps
0,97
0,28
0,51
0,13
0,025
8,38
K
3.5
1
.020
.005
.001
.330
max.
21SM284-T2
MIL-S-8805 application
5 Amps
0,83-1,39
0,28
0,76
0,13
0,1
8,38
(MS25085-2)
requirements
R
3-5
1
.030
.005
.004
.330
21SM284
MIL-S-8805 application
5 Amps
0,83-1,39
0,28
0,76
0,13
0,1
8,38
(MS25085-1)
requirements,
R
3-5
1
.030
.005
.004
.330
solder terminals
22SM1-T
Best stability under
5 Amps
0,83-1,39
0,28
0,51
0,13
0,1
8,38
varying humidity
J
3-5
1
.020
.005
.004
.330
41SM1-T
Up to 11 ampere 1/4 hp
11 Amps 0,83-1,39
0,28
0,76
0,13
0,1
8,38
(AC) load handling
M
3-5
1
.030
.005
.004
.330
Dim. Dwg. Fig. 1
*For electrical data call 1-800-537-6945
411SM1
Sealed plunger
construction
5 Amps
0,83-2,09
0,28
0,51
0,13
0,1
8,38
K
3-7.5
1
.020
.005
.004
.330
411SM23
As above with gold
contacts
1 Amp
0,83-2,09
0,28
0,51
0,13
0,1
8,38
N
3-7.5
1
.020
.005
.004
.330
Except where stated *
±0,38mm
±.015 in.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com