Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS03 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # FS03
Description  Pressure Sensors FS01/FS03 Force Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

FS03 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  FS03 Datasheet HTML 1Page - Honeywell Solid State Electronics Center FS03 Datasheet HTML 2Page - Honeywell Solid State Electronics Center FS03 Datasheet HTML 3Page - Honeywell Solid State Electronics Center FS03 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pressure Sensors
FS01/FS03 Force Sensors
FS Series
Sensing and Control
www.honeywell.com/sensing
Honeywell
11 West Spring Street
Freeport, Illinois 61032
008092-1-EN IL50 GLO 1103 Printed in USA
ORDER GUIDE
Part Number
Force Range
FS01
0 lbs to 1.5 lbs
[ 0 kg to 0.68 kg]
FS03
0 lbs to 3.0 lbs
[0 kg to 1.36 kg]
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as
being free of defective materials and faulty
workmanship. Contact your local sales office for
warranty information. If warranted goods are
returned to Honeywell during the period of coverage,
Honeywell will repair or replace without charge those
items it finds defective. The foregoing is Buyer’s
sole remedy and is in lieu of all other warranties,
expressed or implied, including those of
merchantability and fitness for a particular
purpose.
Specifications may change without notice. The
information we supply is believed to be accurate and
reliable as of this printing. However, we assume no
responsibility for its use.
While we provide application assistance
personally, through our literature and the Honeywell
web site, it is up to the customer to determine the
suitability of the product in the application.
For application assistance, current specifications,
or name of the nearest Authorized Distributor,
contact a nearby sales office. Or call:
1-800-537-6945 USA/Canada
1-815-235-6847 International
FAX
1-815-235-6545 USA
INTERNET
www.honeywell.com/sensing
info.sc@honeywell.com
Copyright 2003 Honeywell International Inc. All Rights Reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com