Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML01KPS2PC Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ML01KPS2PC
Description  OEM PRESSURE TRANSDUCER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ML01KPS2PC Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ML01KPS2PC Datasheet HTML 1Page - Honeywell Solid State Electronics Center ML01KPS2PC Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
BENEFITS
HOW TO ORDER
APPLICATIONS
DIESEL ENGINES
REFRIGERATION AND
HVAC SYSTEMS
HYDRAULIC FLUID
PRESSURES
GENERAL
INDUSTRIAL
PRESSURE
OFF ROAD
VEHICLES
• High value and outstanding performance
• Excellent OEM value
• No internal elastomeric seals
• Eliminates O-Ring compatability issues
• Amplified outputs
• Eliminates cost of external amplifiers
• Reverse polarity protection
• Not damaged by reversed excitation
• Less than 500 microseconds response time
• Accurate high speed measurements
• Designed to meet IP65 standards*
• Protected from harsh environments
• Exceeds CE Heavy Industrial EMC
* With appropriate mating connector, Packard #12065287.
MODEL ML • OEM PRESSURE TRANSDUCER
The model ML pressure transducer combines
the latest in ASIC technology with our proven
stainless steel design.This digitally compensated
transducer offers an unparalleled value and
performance combination making it the ideal
pressure sensing solution for demanding
automotive and industrial applications. Fully
temperature compensated, calibrated, and
amplified, the ML is available in 100 to 5000
PSIS pressure ranges.
The ML has three standard output options:
a 0.50 to 4.50 Vdc ratiometric output from
5 Vdc excitation, a 1.0 to 6.0 Vdc regulated out-
put from 7-35 Vdc excitation, and a 4-20 mA
current from 9-35 Vdc excitation. The ML
transducer delivers
±0.25% full scale accuracy
(BFSL) over a wide temperature range of -40
°C
to 105
°Candutilizesaprovenindustrystandard
connector for high reliability and user flexibility.
Note: Not all combinations are available. Minimum quantity orders apply. Contact the factory for more details.
Model
Range
Unit
Output
Termination
Pressure Connection
Reference
ML
100
P
S
1
P
G
001
016
100
004
025
160
006
040
250
010
060
350
BAR
15
100
01K
25
200
02K
50
300
03K
500
05K
PSI
P = PSI
B = BAR
C = 0.5-4.5 VDC
G = 4-20 mA
R5 = 1-6 VDC
P = Packard
1 = 1/8-27 NPT
2 = 1/4-18 NPT
G = Gage (only on < 100 PSI)
S = Sealed


Similar Part No. - ML01KPS2PC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ML01KPS2PC HONEYWELL-ML01KPS2PC Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
More results

Similar Description - ML01KPS2PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5102 ETC2-SM5102 Datasheet
294Kb / 2P
OEM Silicon Pressure Die
logo
Sensortechnics GmbH
CTEM8250G4CXS SENSORTECHNICS-CTEM8250G4CXS Datasheet
75Kb / 4P
OEM submersible pressure transducers
KTEM6250G4CXS SENSORTECHNICS-KTEM6250G4CXS Datasheet
95Kb / 4P
OEM submersible pressure transducers
logo
Honeywell Solid State E...
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
OEM Silicon Pressure Die
logo
Sensortechnics GmbH
KMA-B010GUYLN SENSORTECHNICS-KMA-B010GUYLN Datasheet
59Kb / 3P
Amplified OEM pressure sensors
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
OEM Pressure Sensors
logo
Silicon Microstructures...
SM30D SMI-SM30D Datasheet
670Kb / 6P
OEM Silicon Pressure Die
SM30G SMI-SM30G Datasheet
646Kb / 6P
OEM Silicon Pressure Die
SM9520A SMI-SM9520A Datasheet
631Kb / 6P
OEM Silicon Pressure Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com