Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLH016PSB01B Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # MLH016PSB01B
Description  All Metal Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MLH016PSB01B Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  MLH016PSB01B Datasheet HTML 1Page - Honeywell Solid State Electronics Center MLH016PSB01B Datasheet HTML 2Page - Honeywell Solid State Electronics Center MLH016PSB01B Datasheet HTML 3Page - Honeywell Solid State Electronics Center MLH016PSB01B Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Honeywell Sensing and Control
3
Table 4. Performance Specifications (At 25 C [77 F] and at rated excitation unless otherwise specified.)
Parameter
Characteristic
Response time
2 ms
Accuracy
1:
>100 psi
<100 psi
±0.25% FSS
±0.50% FSS
Total error band
2:
Gage:
<300 psig
>300 psig
Seal gage:
>300 psis
Seal gage without L, M, P termination:
100 psis to 299 psis (-40 °C to 85 °C [-40 °F to 185 °F])
100 psis to 299 psis (>85 °C to 125 °C [>185 °F to 257 °F])
>300 psis (-40 °C to 125 °C [-40 °F to 257 °F])
Seal gage with L, M, P termination:
100 psis to 299 psis (-40 °C to 65 °C [-40 °F to 149 °F])
100 psis to 299 psis (>65 °C to 125 °C [>149 °F to 257 °F])
>300 psis (-40 °C to 65 °C [-40 °F to 149 °F])
>300 psis (>65 °C to 125 °C [>149 °F to 257 °F])
±3% FSS
±2% FSS
±2% FSS
±3% FSS
±10% FSS
±2% FSS
±10% FSS
±15% FSS
±5% FSS
±15% FSS
Notes:
1.
Includes pressure non-linearity (BFSL), pressure hysteresis and non-repeatability. Thermal errors are not included.
2.
Includes zero error, span error, thermal effect on zero, thermal effect on span, thermal hysteresis, pressure-non-linearity,
pressure hysteresis and non-repeatability.
Figure 2. Operating and Temperature Compensated Area
for All Regulated Output Options
Figure 3. Operating and Temperature Compensated Area for
4 mA to 20 mA Output
Supply Voltage (Vdc)
10
12
14
16
18
20
22
24
26
28
30
6
8
116
121
122
123
124
125
Operating and Temperature
Compensated Area for
Regulated Output
117
118
119
120
Note:
The dashed line indicates the operating and temperature
compensated area with a 24 V supply.
Supply Voltage (Vdc)
10
12
14
16
18
20
22
24
26
28
30
6
8
60
65
70
75
80
85
90
95
100
105
110
115
120
125
10 Ohm
Load
250 Ohm
Load
Operating and Temperature
Compensated Area for 4 mA
to 20 mA Output
Note:
The operating area is extended with a 250 Ohm resistor.
Higher loads extend the operating area. The dashed line
indicates the operating and temperature compensated area
with a 24 V supply using a 250 Ohm load.
Figure 4. Mounting Dimensions (For reference only. mm/(in).)
Pin and Wire Codes (Option B
– Packard)
Pin
Voltage
Current
a
+ excitation
+ excitation
b
output
- excitation
c
common
no connection
A variety of pressure ports and electrical
termination connection options are available.
Refer to the “How to Order” on previous page for
possible combinations. Contact your Honeywell
representative for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com