Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX53800 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TX53800
Description  Two High Speed USB 2.0 ports, Two Camera Interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX53800 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TX53800 Datasheet HTML 3Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 4Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 5Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 6Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 7Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 8Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 9Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 10Page - List of Unclassifed Manufacturers TX53800 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TX53
PIN
Type
Function
i.MX53 Pad Name
Alternate functions
GPIO
Description (refer to i.MX53 manuals for details)
2nd UART
63
3V3
TXD
PATA_DMARQ
PATA_DMARQ
UART2_TXD
CCM_CCM_OUT_0
USBPHY2_DATAOUT[4]
GPIO7[0]
Application UART 2 Transmit Data output signal
64
3V3
RXD
PATA_BUFFER_EN
PATA_BUFFER_EN
UART2_RXD
CCM_CCM_OUT_1
USBPHY2_DATAOUT[5]
GPIO7[1]
Application UART 2 Receive Data input signal
65
3V3
RTS
PATA_DIOR
PATA_DIOR
UART2_RTS
CAN1_RXCAN
USBPHY2_DATAOUT[7]
GPIO7[3]
Application UART 2 Request to Send input signal
66
3V3
CTS
PATA_INTRQ
PATA_INTRQ
UART2_CTS
CAN1_TXCAN
CCM_CCM_OUT_2
USBPHY2_DATAOUT[6]
GPIO7[2]
Application UART 2 Clear to Send output signal
3rd UART
67
3V3
TXD
PATA_CS_0
PATA_CS_0
UART3_TXD
USBPHY1_DATAOUT[5]
GPIO7[9]
Application UART 3 Transmit Data output signal
68
3V3
RXD
PATA_CS_1
PATA_CS_1
UART3_RXD
USBPHY1_DATAOUT[6]
GPIO7[10] Application UART 3 Receive Data input signal
69
3V3
RTS
PATA_DA_2
PATA_DA_2
ESDHC4_CLK
UART3_RTS
USBPHY1_DATAOUT[4]
GPIO7[8]
Application UART 3 Request to Send input signal
70
3V3
CTS
PATA_DA_1
PATA_DA_1
ESDHC4_CMD
UART3_CTS
USBPHY1_DATAOUT[3]
GPIO7[7]
Application UART 3 Clear to Send output signal
71
GND
GND
KEYPAD / 1st CAN
72
3V3
KP_COL[0]
GPIO_9
ESAI1_FSR
KPP_COL[6]
CCM_REF_EN_B
PWM1_PWMO
WDOG1_WDOG_B
ESDHC1_WP
SCC_FAIL_STATE
GPIO1[9]
73
3V3
KP_COL[1]
GPIO_4
ESAI1_HCKT
KPP_COL[7]
CCM_CCM_OUT_2
CSU_ALARM_AUT[1]
OBSRV_INT_OUT3
ESDHC2_CD
SCC_SEC_STATE
GPIO1[4]
74
3V3
KP_COL[2]
KEY_COL2
KPP_COL[2]
CAN1_TXCAN
32K_256K_CTI_TRIGOUT6
FEC_MDIO
ECSPI1_SS1
FEC_RDATA[2]
USBPHY1_RXACTIVE
GPIO4[10]
75
3V3
KP_COL[3]
KEY_COL3
KPP_COL[3]
USBOH3_H2_DP
SPDIF_IN1
I2C2_SCL
ECSPI1_SS3
FEC_CRS
USBPHY1_SIECLOCK
GPIO4[12]
76
3V3
TXCAN
KEY_COL4
KPP_COL[4]
CAN2_TXCAN
SISG[4]
UART5_RTS
USBOH3_USBOTG_OC
USBPHY1_LINESTATE[1]
GPIO4[14]
77
3V3
KP_ROW[0]
GPIO_2
ESAI1_FST
KPP_ROW[6]
CCM_CCM_OUT_1
CSU_ALARM_AUT[0]
OBSRV_INT_OUT2
ESDHC2_WP
MLBDAT
GPIO1[2]
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com