Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66504-4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 66504-4
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

66504-4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 66504-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 66504-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
5
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
HVT
400V
16A
3
Crimp
DIN VDE
0627
EN 61984
HSB
400V
35A
3
Screw
DIN VDE
0627
EN 61984
HSK
6/36
690V/
250V
40A/10A
3
Crimp
DIN VDE
0627
EN 61984
HMX
12/2
500V/
250V
40A/10A
3
Crimp
DIN VDE
0627
EN 61984
HMX
6/12
690V/
400V
40A/10A
3
Crimp
DIN VDE
0627
EN 61984
HSS
600V/
400V
63A/16A
3
Crimp
DIN VDE
0627
EN 61984
HMX
(4/0, 4/2)
690V
400V
80A/16A
3
Screw
DIN VDE
0627
EN 61984
HSK
4/2
500V/
400V
40A/16A
3
Screw
DIN VDE
0627
EN 61984
HMX
8/24
400V/
250V
16A/10A
3
Crimp
DIN VDE
0627
EN 61984
HF 8
1000V
250A
3
Crimp
DIN VDE
0627
EN 61984
HF 13
3000V
350A
3
Crimp
DIN VDE
0627
EN 61984
HG-Q8
500V
16A
Crimp
ISO
23570-3
HG-
Q4+2
690V
40A
Crimp
ISO
23570-3
HG-Q10
400V
20A
Crimp
DIN VDE
0627
EN 61984
HN.2D
250V
10A
3
Crimp
DIN VDE
0627
EN 61984
70
85
109
135
157
169
24
42
72
108
144
216
68
83
108
134
8
14
23
35
48
113
156
6
12
111
6/36
112
12/2
112
6/12
137
8/2
113
137
4/0
4/2
4/8
71
4/2
85
8/24
175
4
175
4
55
8
55
4/2
55
10
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com