Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175195-2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 175195-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175195-2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 175195-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
19
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
For safety reasons, electrical equipment needs to be protected against outside influences. The basis for the determination is the stan-
dard IEC 529 titled ‘Degree of protection provided by enclosures (IP – Code)'.
Using a standardized test procedure the extent of the protection class is verified. To classify different housings according to their protec-
tion class, a designation system is used which consists of the code – letters 'IP' and two code numbers.
Arrangement of the IP – Code (International bzw. Ingress Protection)
IP
56
Code Letter
1st characteristic numeral
2nd characteristic numeral
Meaning of the 1st characteristic numeral
The first numeral describes the protection of the housing against intrusion of foreign bodies as well as the protection of people against
dangerous parts or influences. Because of this, there are two descriptions and definitions for each of the first code letter.
Degree of protection provided by enclosures
1st
numeral
Protection against solid obects and against access to hazardous parts
short description
definition
no protection
-protection against solid foreign bodies of Ø 50mm
-protection against access to hazardous parts with
the back of a hand
-protection against solid foreign bodies of Ø 12 mm
-protection against access to hazardous parts with
the finger
-protection against solid foreign bodies of 2,5 mm
diameter and bigger
-protection against access to hazardous parts with a
tool
-protection against solid foreign bodies of 1,0 mm
diameter and bigger
-protection against access to hazardous parts
with a wire
-
protected against dust
dust proof
A sphere of Ø 50mm, must not intrude
A sphere of Ø 12mm diameter, must not intrude
A sphere of Ø 2,5mm diameter, must not intrude
The probe, sphere of Ø 1,0mm, must not intrude
The infiltration of dust is not completely prevented, but it
does not infiltrate to such an extent that the operation or
the safety of the device is affected.
No infiltration of dust
0
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com