Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175196-2 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 83Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 84Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 85Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 86Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 87Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 88Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 89Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 90Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
85
Bezeichnung
Description
2-1103204-3
0-1103089-1
2-1103206-3
0-1103090-1
HN.2D.42.Sti.C
HN.2D.42.Bu.C
HMX.8/24.Sti.C
HMX.8/24.Bu.C
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HN.2D.42; HMX8/24 Kontakteinsätze/Contact inserts
Baugröße/Size 4
Crimpanschluss für gedrehte HN.D/HE Crimpkontakte
Crimp terminal for screw machined HN.D/HE crimp contacts
Kontaktzahlen
No. of contacts
250 V/10 A; 400V/16A + 250V/10A
42; 8/24 +
Montageausschnitt
Panel cut-out
63
57
M3x10
33
27
35
1
36
7
42
36 27 20
M3
50
57
65
36
1
42
7
57
63
M3x10
35.5
33
27
63
57
M3x10
33
27
35
1
36
7
42
36 27 20
M3
50
57
65
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Crimpanschluss/Crimp terminal
Maßbild mm/Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
Maße/Dimensions
AB
C
DE
mm
57
63
34
35,5
37
Passende Crimpakontakte Power siehe Seite 37, passende Crimpakontakte Signal siehe Seite 34
Suitable Crimp contacts power see page 37, suitable Crimp contacts signal see page 34
Passende Crimpakontakte siehe Seite 34
Suitable Crimp contacts see page 34
12
34
56
78
9
12
29
32
1 2
3 4
5 6
7 8
9
12
29
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com