Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5001G Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5001G
Description  Dual, One Channel Each Direction Digital Optical Isolator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5001G Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5001G Datasheet HTML 1Page - IXYS Corporation CPC5001G Datasheet HTML 2Page - IXYS Corporation CPC5001G Datasheet HTML 3Page - IXYS Corporation CPC5001G Datasheet HTML 4Page - IXYS Corporation CPC5001G Datasheet HTML 5Page - IXYS Corporation CPC5001G Datasheet HTML 6Page - IXYS Corporation CPC5001G Datasheet HTML 7Page - IXYS Corporation CPC5001G Datasheet HTML 8Page - IXYS Corporation CPC5001G Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5001
4
www.ixysic.com
R01
1.6 General Conditions
Unless otherwise specified, minimum and maximum values are guaranteed by production testing requirements.
Typical values are characteristic of the device at 25°C, and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of the manufacturing testing requirements. Specifications
cover the operating temperature range TA = -40°C to +85°C, unless otherwise specified.
Side A is the same as Side B, and Channel 1 is the same as Channel 2; therefore, the electrical and timing
specifications apply to both Sides/Channels.
1.7 Electrical Parametric Specifications
1.8 Timing Specifications
Note 1: See
“Switching Waveforms” on page 5.
1.9 Common Mode Rejection Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Electrical
Supply Voltage
ISINK=6mA
VDD
2.7
-
5.5
V
Supply Current
VDD=3.3V, ISINK=0mA
IDD
-4.3
-
mA
ISINK=6mA
-4.4
-
VDD=5.5V, ISINK=0mA, TA=25°C
-5
7.5
Leakage Current
IN1=OUT2=VDDA, IN2=OUT1=VDDB
ILEAK
-0.01
10
A
Falling Input Low Threshold
2.7V < VDD < 5.5V
VIL
0.3VDD
0.42VDD
-
V
Rising Input High Threshold
2.7V < VDD < 5.5V
VIH
-
0.57VDD
0.7VDD
Hysteresis
2.7V < VDD < 5.5V
VHYST
-
0.15VDD
-
V
Output Drive
VDD=2.7V, ISINK=3mA
VOL
-
0.21
0.35
V
VDD=2.7V, ISINK=6mA
-0.42
0.7
VDD=3.3V, ISINK=6mA
-0.38-
Output Temperature Coefficient
2.7V < VDD < 5.5V, ISINK=6mA
TC
-+1.2-
mV/°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Timing
Clock Frequency
ISINK=6mA, CLOAD=20pF
fMAX
-5-
MHz
Propagation Delay (see Note 1)
VDDA=VDDB=3.3V,
RPUA=475, RPUB=475
CIN_A=CIN_B=20pF
VIN=0.5VDD_IN to VOUT=0.5VDD_OUT
ns
High to Low
tPHL
40
60
100
Low to High
tPLH
40
135
250
Pulse Width Distortion
tPLH - tPHL
PWD
-25
75
170
ns
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Common Mode Rejection
Common Mode Transient Immunity
VCM=20VP-P , VDD=3.3V, TA=25°C
VOUT = High
VOUT>2V
CMH
5-
-
kV/
s
VOUT = Low
VOUT<0.8V
CML
7-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com