Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2007194-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2007194-1
Description  SFP 1X1 CAGE ASSEMBLY PCI, SOLDER TAILS, EXTERMINAL EMI SPRINGS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2007194-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2007194-1 Datasheet HTML 1Page - Tyco Electronics 2007194-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
Catalog 1773408-1
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-09
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
SFP+ Single Port and Ganged Cages
Pluggable Input / Output Solutions
Note: All part numbers are RoHS compliant.
PCI is a trademark of PCI-SIG.
Cages with EMI Springs
Description
Single Port
1x2
1x4
1x6
Cage Assy w/ Lightpipes
2007254-1
2007262-1
2007178-1
2007250-1
Cage Assy
2007198-1
2007263-1
2007132-1
2007251-1
Cage Assy w/ PCI Heat Sink
2007464-1
——
—
Cage Assy w/ SAN Heat Sink
2007464-2
——
—
Cage Assy w/ Networking Heat Sink
2007464-3
——
—
Cages with
Elastomeric Gaskets
Description
1x2
1x4
1x6
Cage Assy w/ Lightpipes
2007180-1
2007093-1
2007169-1
Cage Assy
2007181-1
2007135-1
2007170-1
Cages for PCI Applications
One degree mounting angle
to meet requirements of
SFF-8075
Description
Solder
Press-Fit
Cage Assy
2007194-1
2007215-1
Cage Assy w/ PCI Heat Sink & Clip
2007193-1
2007277-1
Connectors
Contact Plating
Part Number
0.76 µm (30 µin) gold
1888247-1
0.38 µm (15 µin) gold
1888247-2
1°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com