Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC910 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # CBC910
Description  Charge Pump and Battery Management ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910 Datasheet(HTML) 2 Page - Cymbet Corporation

  CBC910 Datasheet HTML 1Page - Cymbet Corporation CBC910 Datasheet HTML 2Page - Cymbet Corporation CBC910 Datasheet HTML 3Page - Cymbet Corporation CBC910 Datasheet HTML 4Page - Cymbet Corporation CBC910 Datasheet HTML 5Page - Cymbet Corporation CBC910 Datasheet HTML 6Page - Cymbet Corporation CBC910 Datasheet HTML 7Page - Cymbet Corporation CBC910 Datasheet HTML 8Page - Cymbet Corporation CBC910 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 2 of 14
Preliminary
Functional Block Diagram
Figure 2: CBC910 Internal Block Diagram
The CBC910 internal schematic is shown in Figure 2. The input voltage from the power supply (VDD) is applied
to the charge pump, the control logic, and is compared to the user-set threshold as determined by the voltage
on VMODE. VMODE is an analog input ranging from 0V to VDD. The ENABLE pin is a digital input that turns off the
charge pump when low. VOUT is either supplied from VDD or the integrated battery. RESET is a digital output that,
when low, indicates VOUT is being sourced by a backup battery.
CFLY is the flying capacitor in the voltage doubler circuit. The value of CFLY can be changed if the output
impedance of the CBC910 needs to be modified. The output impedance is dictated by 1/fC, where f is the
frequency of oscillation (typically 100kHz) and C is the capacitor value (typically 0.1µF). GND is system ground.
VCHG
GND
Electrical Properties
Battery Backup Output voltage:
3.3 V
Physical Properties
Package size:
3 mm x 3 mm x 0.9 mm
Die size:
0.96 mm x 1.36 mm (to center of scribe on wafer)
Operating temperature: -40°C to +85°C
Storage temperature:
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com