Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC910-WAF Datasheet(PDF) 3 Page - Cymbet Corporation

Part # CBC910-WAF
Description  Charge Pump and Battery Management ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-WAF Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC910-WAF Datasheet HTML 1Page - Cymbet Corporation CBC910-WAF Datasheet HTML 2Page - Cymbet Corporation CBC910-WAF Datasheet HTML 3Page - Cymbet Corporation CBC910-WAF Datasheet HTML 4Page - Cymbet Corporation CBC910-WAF Datasheet HTML 5Page - Cymbet Corporation CBC910-WAF Datasheet HTML 6Page - Cymbet Corporation CBC910-WAF Datasheet HTML 7Page - Cymbet Corporation CBC910-WAF Datasheet HTML 8Page - Cymbet Corporation CBC910-WAF Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 3 of 14
Preliminary
Pin Number
Label
Description
1
VDD
Positive Supply
2
VBAT
4.1V Charging Source
3
EN
Charge Pump Enable
4
GND
Ground
5
CN
Charge Pump Flying Capacitor (-)
6
CP
Charge Pump Flying Capacitor (-)
7
RESET/
Battery Backup Indicator
8
VOUT
Output
Device Input/Ouput Descriptions
Figure 3: CBC910 Die Pad Designations
VDD
VBAT
ENABLE
VMODE
GND
VOUT
RESET/
CP
CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com