Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2015699-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2015699-1
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2015699-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2015699-1 Datasheet HTML 1Page - Tyco Electronics 2015699-1 Datasheet HTML 2Page - Tyco Electronics 2015699-1 Datasheet HTML 3Page - Tyco Electronics 2015699-1 Datasheet HTML 4Page - Tyco Electronics 2015699-1 Datasheet HTML 5Page - Tyco Electronics 2015699-1 Datasheet HTML 6Page - Tyco Electronics 2015699-1 Datasheet HTML 7Page - Tyco Electronics 2015699-1 Datasheet HTML 8Page - Tyco Electronics 2015699-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPECIFICATIONS
REQUIREMENTS
DETAIL
ELECTRICAL
Characteristic Impedance:
50 Ohms
Frequency Range:
DC to 6 GHz
VSWR (mated pair):
1.30 max DC to 3 GHz
1.40 max 3 to 6 GHz (cable dependent)
Insertion Loss (connectors only):
0.24 dB max DC to 6 GHz
Rated voltage:
60 VAC (rms) – standard recept (Styles A, B)
Dielectric Withstanding Voltage:
200 VAC, 50 Hz for 1 min (at sea level)
Insulation Resistance:
500 Megohms min
Contact Resistance (connectors only):
20 milliohms max (Center)
10 milliohms max (Outer, Plug)
10 milliohms max (Outer, Receptacle)
MECHANICAL / ENVIRONMENTAL
Durability:
30 cycles – standard recept (Styles A, B)
Disengagement Force:
2N min perpendicular
4N min orthogonal
Center Contact Retention force:
0.15N min
Tape/Reel Packaging (receptacle):
12mm carrier per EIA-481
Operating Temperature:
- 40°C to + 90°C
MATERIAL
Part Description
Material
Finish
Shell
Phosphor Bronze
Gold or Silver Plating
Male Center Contact
Brass or Phos Bronze
Gold Plating
Female Center Contact
Brass or Phos Bronze
Gold Plating
Insulator (Plug)
PBT (15% G.F.)
Black, UL94V-0
Insulator (Receptacle)
LCP
Beige or Black, UL94V-0
UMCC – Ultraminiature Coax Connector & Cable Assembly Series
Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com