Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

323913 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 323913
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323913 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 323913 Datasheet HTML 15Page - Tyco Electronics 323913 Datasheet HTML 16Page - Tyco Electronics 323913 Datasheet HTML 17Page - Tyco Electronics 323913 Datasheet HTML 18Page - Tyco Electronics 323913 Datasheet HTML 19Page - Tyco Electronics 323913 Datasheet HTML 20Page - Tyco Electronics 323913 Datasheet HTML 21Page - Tyco Electronics 323913 Datasheet HTML 22Page - Tyco Electronics 323913 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
25
Long Spring Spade
Tongue Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Phosphor Bronze
per ASTM B-139
Metallic Sleeve — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
26-22
.020
6
.250
.235
.566
.847
.276
.082
202-810
Yellow
52403
52403-1
[0.10-0.41]
0.51
M3.5
6.35
5.97
14.38
21.51
7.01
2.08
4
.203
.201
.615
.896
.276
Red
.125
52408
—
5.16
5.11
15.62
22.76
7.01
3.18
.250
.238
.652
.933
.276
Red
.125
52409*
52409-1
6
6.35
6.05
16.56
23.70
7.01
3.18
22-16
.033
M3.5
.250
.238
.652
.933
.276
Red
.140
52409-2
52409-3
509-3,260
0.84
6.35
6.05
16.56
23.70
7.01
3.56
[0.26-1.65]
8
.281
.270
.684
.979
.290
Red
.125
52410*
52410-1
M4
7.14
6.86
17.37
24.87
7.37
3.18
10
.343
.283
.697
1.005
.303
Red
.125
52411*
52411-1
8.71
7.19
17.70
25.53
7.70
3.18
.250
.238
.652
.933
.276
Blue
.150
52420*
52420-2
6
6.35
6.05
16.56
23.70
7.01
3.81
M3.5
.250
.238
.652
.933
.276
Blue
.170
52420-1*
52420-3
6.35
6.05
16.56
23.70
7.01
4.32
.281
.270
.684
.979
.290
Blue
.150
52421*
—
16-14
.033
8
7.14
6.86
17.37
24.87
7.37
3.81
2,050-5,180
0.84
M4
.281
.270
.684
.979
.290
Blue
.170
52421-1*
52421-3
[1.04-2.62]
7.14
6.86
17.37
24.87
7.37
4.32
10
.343
.283
.697
1.005
.303
Blue
.170
52422-1*
52422-3
8.71
7.19
17.70
25.53
7.70
4.32
1/4
.437
.345
.759
1.102
.338
Blue
.150
52423
52423-2
M6
11.10
8.76
19.28
27.99
8.59
3.81
.312
.242
.843
1.131
.283
Yellow
.230
52430
52430-2
6
7.92
6.15
21.41
28.73
7.19
5.84
M3.5
.312
.242
.843
1.131
.283
Yellow
.250
52430-1
52430-3
7.92
6.15
21.41
28.73
7.19
6.35
8
.375
.273
.874
1.174
.295
Yellow
.250
52431-1
52431-3
12-10
.042
M4
9.53
6.93
22.20
29.82
7.49
6.35
5,180-13,100
1.07
.375
.305
.906
1.219
.308
Yellow
.230
—
52432-2
[2.62-6.64]
10
9.53
7.75
23.01
30.96
7.82
5.84
.375
.305
.906
1.219
.308
Yellow
.250
52432-1
52432-3
9.53
7.75
23.01
30.96
7.82
6.35
1/4
.437
.345
.946
1.289
.338
Yellow
.250
52433-1
—
M6
11.10
8.76
24.03
32.74
8.59
6.35
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com