Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

324056 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 324056
Description  Standard Terminals and Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

324056 Datasheet(HTML) 2 Page - Tyco Electronics

  324056 Datasheet HTML 1Page - Tyco Electronics 324056 Datasheet HTML 2Page - Tyco Electronics 324056 Datasheet HTML 3Page - Tyco Electronics 324056 Datasheet HTML 4Page - Tyco Electronics 324056 Datasheet HTML 5Page - Tyco Electronics 324056 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
TERMINYL (Continued)
60
Ring Tongue Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 73
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Max.
Max.
Max.
Color
Max.
Piece
8
.478
.437
1.183
1.425
Red
.256
53041
M4
12.14
11.10
30.05
36.20
6.50
10
.431
.437
1.183
1.402
Red
.256
324043
10.95
11.10
30.05
35.61
6.50
8
.043
1/4
.478
.437
1.183
1.425
Red
.256
324082
13,100-20,800
1.09
M6
12.14
11.10
30.05
36.20
6.50
[6.64-10.5]
5/16
.587
.500
1.246
1.542
Red
.256
324044
M8
14.91
12.70
31.65
39.17
6.50
3/8
.587
.500
1.246
1.542
Red
.256
324045
14.91
12.70
31.65
39.17
6.50
.398
.515
1.447
1.700
Blue
.314
53119-11
10
10.11
13.08
36.75
43.18
7.98
.468
.421
1.338
1.575
Blue
.314
324046
11.89
10.69
33.99
40.01
7.98
6
.048
1/4
.500
.515
1.447
1.700
Blue
.314
324047
20,800-33,100
1.22
M6
12.70
13.08
36.75
43.18
7.98
[10.5-16.8]
5/16
.625
.515
1.447
1.762
Blue
.314
324048
M8
15.88
13.08
36.75
44.75
7.98
3/8
.625
.515
1.447
1.762
Blue
.314
324049
15.88
13.08
36.75
44.75
7.98
8
.437
.265
1.155
1.376
Yellow
.382
331456
M4
11.10
6.73
29.34
34.95
9.70
.437
.265
1.155
1.376
Yellow
.382
1-331456-0
11.10
6.73
29.34
34.95
9.70
10
.546
.531
1.536
1.812
Yellow
.382
324111
4
13.87
13.49
39.01
46.02
9.70
33,100-52,600
.051
1/4
.546
.531
1.536
1.812
Yellow
.382
324050
1.30
M6
13.87
13.49
39.01
46.02
9.70
[16.8-26.7]
5/16
.679
.531
1.536
1.878
Yellow
.382
324051
M8
17.25
13.49
39.01
47.70
9.70
3/8
.679
.531
1.536
1.878
Yellow
.382
324052*
17.25
13.49
39.01
47.70
9.70
1/2
.679
.531
1.536
1.878
Yellow
.382
324114
M12
17.25
13.49
39.01
47.70
9.70
1/4
.500
.390
1.349
1.602
Yellow
.443
330966
M6
12.70
9.91
34.26
40.69
11.25
4HD3
.094
5/16
.679
.456
1.565
1.907
Yellow
.443
1-331421-0
33,100-52,600
2.39
M8
17.25
11.58
39.75
48.44
11.25
[16.8-26.7]
3/8
.679
.456
1.565
1.907
Yellow
.443
1-331421-1
17.25
11.58
39.75
48.44
11.25
10
.711
.578
1.705
2.063
Red
.468
328655
18.06
14.68
43.31
52.40
11.89
1/4
.679
.578
1.705
2.045
Red
.468
324053
M6
17.25
14.68
43.31
51.94
11.89
2
.060
5/16
.711
.578
1.705
2.063
Red
.468
324112
52,600-83,700
1.52
M8
18.06
14.68
43.31
52.40
11.89
[26.7-42.4]
3/8
.711
.578
1.705
2.063
Red
.468
324054
18.06
14.68
43.31
52.40
11.89
1/2
.855
.578
1.705
2.135
Red
.468
324055
M12
21.72
14.68
43.31
54.23
11.89
*Available in small packaging quantities.
1
Rectangular tongue terminal.
2
90° bend ring tongue terminal.
3
Heavy duty for extra mechanical strength.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com