Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1775529-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1775529-2
Description  Power Connectors & Interconnection Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1775529-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1775529-2 Datasheet HTML 1Page - Tyco Electronics 1775529-2 Datasheet HTML 2Page - Tyco Electronics 1775529-2 Datasheet HTML 3Page - Tyco Electronics 1775529-2 Datasheet HTML 4Page - Tyco Electronics 1775529-2 Datasheet HTML 5Page - Tyco Electronics 1775529-2 Datasheet HTML 6Page - Tyco Electronics 1775529-2 Datasheet HTML 7Page - Tyco Electronics 1775529-2 Datasheet HTML 8Page - Tyco Electronics 1775529-2 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
228
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
2.0 mm Pitch Battery Assemblies
Note: All part numbers are RoHS compliant. Tin-lead versions are available upon request.
Power Connectors & Interconnection Systems
No. of
Mount Type
Mount Angle
Part Number
Special Features
Positions
3
Surface-Mount
Vertical
1612898-1
7
Through Hole
Right-Angle
1827654-1
Retention Leg
8
Through Hole
Right-Angle
1747785-1
Surface-Mount
Vertical
2-1612962-3
Nut Plate (both sides)
10
Surface-Mount
Vertical
1-1612962-3
Surface-Mount
Vertical
1717458-1
One side nut plate
Through Hole
Right-Angle
1827501-1
2.0 mm Pitch
Plug Assemblies
Material and Finish
Housing — Black thermoplastic resin,
UL 94V-0 rated
Contacts — High conductivity copper
alloy, gold plating
No. of
Mount Type
Mount Angle
Part Number
Positions
3
Surface-Mount
Vertical
1612901-1
7
Surface-Mount
Vertical
1827684-1
Through Hole
Vertical
1827685-1
8
Surface-Mount
Vertical
1747786-1
10
Through Hole
Vertical
1612963-4
Surface-Mount
Vertical
1612964-4
2.0 mm Pitch
Receptacle Assemblies
Material and Finish
Housing — Black thermoplastic resin,
UL 94V-0 rated
Contacts — High conductivity copper
alloy, gold plating
Pitch
M2 Nut
M2 Nut
.079
[2.00]
Pitch
.079
[2.00]
Retention Leg
(Part Number 1827654-1 Feature)
2 mm Plug Assembly with Nut Plates
Pitch
.079
[2.00]
M2 Nut
2 mm Plug Assembly with Nut Plate (One Side)
2.0 mm Receptacle Assembly,
Through Hole Mount
Pitch
.079
[2.00]
2.0 mm Receptacle Assembly,
Surface-Mount



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com