Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD677KNZ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AD677KNZ
Description  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD677KNZ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD677KNZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD677KNZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
9
DSCC FORM 2234
APR 97
4. VERIFICATION
4.1 Sampling and inspection. For device classes Q and V, sampling and inspection procedures shall be in accordance with
MIL-PRF-38535 or as modified in the device manufacturer's Quality Management (QM) plan. The modification in the QM plan
shall not affect the form, fit, or function as described herein. For device class M, sampling and inspection procedures shall be in
accordance with MIL-PRF-38535, appendix A.
4.2 Screening. For device classes Q and V, screening shall be in accordance with MIL-PRF-38535, and shall be conducted
on all devices prior to qualification and technology conformance inspection. For device class M, screening shall be in
accordance with method 5004 of MIL-STD-883, and shall be conducted on all devices prior to quality conformance inspection.
4.2.1 Additional criteria for device class M.
a.
Burn-in test, method 1015 of MIL-STD-883.
(1) Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision
level control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall
specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in
method 1015 of MIL-STD-883.
(2) TA = +125°C, minimum.
b.
Interim and final electrical test parameters shall be as specified in table II herein.
4.2.2 Additional criteria for device classes Q and V.
a.
The burn-in test duration, test condition and test temperature, or approved alternatives shall be as specified in the
device manufacturer's QM plan in accordance with MIL-PRF-38535. The burn-in test circuit shall be maintained under
document revision level control of the device manufacturer's Technology Review Board (TRB) in accordance with
MIL-PRF-38535 and shall be made available to the acquiring or preparing activity upon request. The test circuit shall
specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in
method 1015 of MIL-STD-883.
b.
Interim and final electrical test parameters shall be as specified in table II herein.
c.
Additional screening for device class V beyond the requirements of device class Q shall be as specified in
MIL-PRF-38535, appendix B.
4.3 Qualification inspection for device classes Q and V. Qualification inspection for device classes Q and V shall be in
accordance with MIL-PRF-38535. Inspections to be performed shall be those specified in MIL-PRF-38535 and herein for groups
A, B, C, D, and E inspections (see 4.4.1 through 4.4.4).
4.4 Conformance inspection. Technology conformance inspection for classes Q and V shall be in accordance with
MIL-PRF-38535 including groups A, B, C, D, and E inspections and as specified herein. Quality conformance inspection for
device class M shall be in accordance with MIL-PRF-38535, appendix A and as specified herein. Inspections to be performed
for device class M shall be those specified in method 5005 of MIL-STD-883 and herein for groups A, B, C, D, and E inspections
(see 4.4.1 through 4.4.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com