Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX9908N Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX9908N
Description  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908N Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX9908N Datasheet HTML 2Page - IXYS Corporation IX9908N Datasheet HTML 3Page - IXYS Corporation IX9908N Datasheet HTML 4Page - IXYS Corporation IX9908N Datasheet HTML 5Page - IXYS Corporation IX9908N Datasheet HTML 6Page - IXYS Corporation IX9908N Datasheet HTML 7Page - IXYS Corporation IX9908N Datasheet HTML 8Page - IXYS Corporation IX9908N Datasheet HTML 9Page - IXYS Corporation IX9908N Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9908
R01
www.ixysic.com
7
2.2 Soft-Start
Once VCC reaches VVCC_on (typically 18V), the device
will initiate a soft-start sequence. This is intended to
minimize the electrical stresses on Q1, DOUT, DVCC,
and the transformer. The soft-start operates as shown
in Figure 3. The duration of this soft-start is 12mS
nominal and steps VCS, the current sense voltage, to
four values, as shown.
Figure 3. Soft-Start
2.3 Normal Operation
Because the IX9908 employs quasi-resonant
operation, its PWM switch-on is set by the zero
crossing of the auxiliary winding voltage, and the
switch-off is set by the current sense voltage.
2.3.1 Zero Crossing & Switch-On Determination
As the application schematic on Page 1 shows, the
voltage from the auxiliary winding is connected to the
zero crossing pin, ZCV, through an RC network. This
network provides a delay so that switch-on can occur
at voltage valley thus enhancing efficiency. The
required time delay,
t, should be approximately
one-fourth of the oscillation period (determined by
transformer primary inductor and drain-source
capacitance of Q1) minus the propagation delay from
zero-cross detect to Q1 switch-on, tdelay .
This time delay,
t, should be matched by adjusting
the RC network.
After Q1 is turned off, its VDS will show some
oscillation. This will also show on the ZCV input. To
avoid a mis-triggered Q1 turn-on, a ringing
suppression circuit is implemented. The suppression
time has two values that depend on the voltage at
ZCV. If VZCV is greater than 0.7V, then the time is
2.5
S nominal. If V
ZCV is less than 0.7V, then the time
is 42
S nominal. Turn-on of Q1 can not occur during
the suppression time, but does occur after a
zero-crossing is detected. In the case of a missed
zero-crossing, a maximum off-time is implemented.
After Q1 has been off for 42
S nominal (t
offMax), it is
turned back on.
2.3.2 Switch-Off Determination
In the application circuit the primary current is sensed
by RCS. The voltage across this resistor, VCS , is
applied to the CS input of the device. It is processed
internally (VCSINT = VCS(3) + 0.7V), and compared to
the voltage at the VR pin, which is a scaled version of
the rectified line voltage. When VCSINT > VR, the
power switch Q1 is turned off.
Leading-edge blanking is used to prevent a false
trigger caused by the voltage spike across RCS at the
moment of Q1 turn-on. This blanking time, tBLKCS , is
nominally 330nS. To prevent transformer saturation, a
maximum on-time circuit is implemented. Max on-time
for Q1 (GD=H) is 30
S nominal.
2.3.3 Foldback Point Correction
When the AC line voltage increases, the Q1 on-time
decreases, which increases the operating frequency.
As a result, with a constant primary current limit, the
output power increases. To provide output power
regulation with respect to line voltage, the internal
foldback point correction circuit varies the VCS limit.
The VCS limit is decreased in response to an increase
in AC line voltage. The relationship between VCSMax
and VIN is shown in Figure 4.
Figure 4. VCSMax vs. VIN
Time (ms)
01 2345 6 7 8 9 10111213 1415
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Maximum Current (Sense Voltage)
During Soft-Start
t =
tOSC
- tdelay
4
tRC = CZCV (RZCV1 // RZCV2)
V
IN (V)
50
100
150
200
250
300
350
400
450
0.6
0.7
0.8
0.9
1.0
1.1
Variation of V
CS Limit Voltage
According to the I
ZC Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com