Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2-31897-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-31897-2
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-31897-2 Datasheet(HTML) 2 Page - Tyco Electronics

  2-31897-2 Datasheet HTML 1Page - Tyco Electronics 2-31897-2 Datasheet HTML 2Page - Tyco Electronics 2-31897-2 Datasheet HTML 3Page - Tyco Electronics 2-31897-2 Datasheet HTML 4Page - Tyco Electronics 2-31897-2 Datasheet HTML 5Page - Tyco Electronics 2-31897-2 Datasheet HTML 6Page - Tyco Electronics 2-31897-2 Datasheet HTML 7Page - Tyco Electronics 2-31897-2 Datasheet HTML 8Page - Tyco Electronics 2-31897-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
8
Ring Tongue Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
2
.203
.211
.632
.739
Yellow
.105
54310-1†
—
M2
5.16
5.36
16.05
18.77
2.67
4
.203
.211
.632
.736
Yellow
.105
52189†
—
5.16
5.36
16.05
18.69
2.67
26-24
.029
6
.250
.243
.664
.792
Yellow
.105
53073†
—
238-475
0.74
M3.5
6.35
6.17
16.87
20.12
2.67
[0.12-0.24]
8
.281
.250
.671
.814
Yellow
.105
54311-1†
—
M4
7.14
6.35
17.04
20.68
2.67
10
.312
.281
.702
.868
Yellow
.105
54312-1†
54312-2†
7.92
7.14
17.83
22.05
2.67
0
.140
.121
.452
.525
Yellow
.082
321013
—
3.56
3.07
11.48
13.34
2.08
.140
.121
.452
.525
Yellow
.082
323912*
2-323912-1
3.56
3.07
11.48
13.34
2.08
.140
.211
.542
.615
Yellow
.082
329951*
—
2
3.56
5.36
13.77
15.62
2.08
M2
.165
.211
.542
.617
Yellow/Br.
.082
321620*
1-321620-0
4.19
5.36
13.77
15.67
2.08
.203
.211
.542
.646
Yellow
.082
323913
2-323913-1
5.16
5.36
13.77
16.41
2.08
4
.203
.211
.542
.646
Yellow
.082
323914*
2-323914-1
5.16
5.36
13.77
16.41
2.08
26-22
.020
.198
.308
.643
.745
Yellow
.082
321617
—
202-810
0.51
5.03
7.82
16.33
18.92
2.08
[0.10-0.41]
6
.203
.211
.542
.646
Yellow
.082
323915*
2-323915-2
M3.5
5.16
5.36
13.77
16.41
2.08
.250
.281
.612
.740
Yellow
.082
326875*
2-326875-1
6.35
7.14
15.54
18.80
2.08
.250
.281
.612
.740
Yellow
.082
323916*
2-323916-1
8
6.35
7.14
15.54
18.80
2.08
M4
.300
.281
.612
.765
Yellow
.082
52124
52124-2
7.62
7.14
15.54
19.43
2.08
.250
.281
.612
.740
Yellow
.082
324075*
2-324075-1
10
6.35
7.14
15.54
18.80
2.08
.300
.281
.612
.765
Yellow
.082
52124-1
—
7.62
7.14
15.54
19.43
2.08
0
.160
.125
.506
.589
Natural
.100
—
2-328489-1
4.06
3.18
12.85
14.96
2.54
2
.160
.125
.506
.589
Natural
.100
329636
2-329636-1
M2
4.06
3.18
12.85
14.96
2.54
.203
.250
.631
.735
Natural
.100
50534
—
4
5.16
6.35
16.03
18.67
2.54
24-20
.025
.281
.250
.631
.774
Natural
.100
323985
—
320-1,290
0.64
7.14
6.35
16.03
19.66
2.54
[0.16-0.65]
6
.281
.250
.631
.774
Natural
.100
323986
2-323986-1
M3.5
7.14
6.35
16.03
19.66
2.54
8
.312
.281
.662
.821
Natural
.100
323989
1-323989-0
M4
7.92
7.14
16.81
20.85
2.54
10
.312
.281
.662
.821
Natural
.100
323990
2-323990-1
7.92
7.14
16.81
20.85
2.54
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
†
Must be crimped with 22-18 or 22-16 PIDG (red) Tooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com