Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3987
Description  Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3987 Datasheet(HTML) 1 Page - Texas Instruments

  LP3987 Datasheet HTML 1Page - Texas Instruments LP3987 Datasheet HTML 2Page - Texas Instruments LP3987 Datasheet HTML 3Page - Texas Instruments LP3987 Datasheet HTML 4Page - Texas Instruments LP3987 Datasheet HTML 5Page - Texas Instruments LP3987 Datasheet HTML 6Page - Texas Instruments LP3987 Datasheet HTML 7Page - Texas Instruments LP3987 Datasheet HTML 8Page - Texas Instruments LP3987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1PF
MODE
LP3987
VIN
VOUT
VEN
A1
C1
A3
B2
1PF
C3
LP3987
www.ti.com
SNVS164G – OCTOBER 2001 – REVISED MAY 2013
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
With Sleep MODE
Check for Samples: LP3987
1
FEATURES
DESCRIPTION
The LP3987 is a 150mA fixed output voltage
2
•
Miniature 5-I/O DSBGA Package
regulator with very low dropout voltage designed
•
Stable With Ceramic and High-Quality
specially to meet requirements of battery-powered
Tantalum Output Capacitors
applications. The additional sleep MODE feature will
•
Logic Controlled Enable
reduce current consumption during standby operation
to prolong the usage of battery.
•
Thermal Shutdown and Short-Circuit Current
Limit
Dropout Voltage: 100mV maximum dropout with
150mA load.
APPLICATIONS
Shutdown: Less than 1µA quiescent current.
•
CDMA Cellular Handsets
Sleep Mode: Typically 14µA quiescent current during
•
Wideband CDMA Cellular Handsets
sleep MODE to reduce battery consumption.
•
GSM Cellular Handsets
Enhanced Stability: The LP3987 is stable with
•
Portable Information Appliances
minimum
1µF±20%
low
ESR
ceramic
output
capacitor as low as 5m
Ω and high quality tantalum
•
µP/DSP Power Supplies
capacitors.
•
Digital Cameras
The LP3987 is available in a thin 5 Bump DSBGA
•
SRAM Backup
package. Performance is specified for
−40°C to
125°C.
KEY SPECIFICATIONS
This device is available with output voltage options of
•
2.7 to 6.0V Input Range
2.5V, 2.6V, 2.8V, 2.85V, and 3.0V. For other voltage
•
150 mA Output Current
options, please contact Texas Instruments.
•
1
μA Quiescent Current on Shutdown
•
100 mV Maximum Dropout with 150 mA Load
•
50dB PSRR at 10KHz
•
Sleep MODE Features
•
Over Temperature & Over Current Protection
•
−40°C to +125°C Junction Temperature Range
for Operation
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Lowpower Semiconductor ...
LP3987 POWER-LP3987 Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3987-1.5B3A POWER-LP3987-1.5B3A Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3987-1.5B3B POWER-LP3987-1.5B3B Datasheet
292Kb / 8P
300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
More results

Similar Description - LP3987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Texas Instruments
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3987 TI-LP3987_15 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator With Sleep MODE
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com