Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3981 Datasheet HTML 9Page - Texas Instruments LP3981 Datasheet HTML 10Page - Texas Instruments LP3981 Datasheet HTML 11Page - Texas Instruments LP3981 Datasheet HTML 12Page - Texas Instruments LP3981 Datasheet HTML 13Page - Texas Instruments LP3981 Datasheet HTML 14Page - Texas Instruments LP3981 Datasheet HTML 15Page - Texas Instruments LP3981 Datasheet HTML 16Page - Texas Instruments LP3981 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP3981ILD-2.5
NRND
WSON
NGC
6
1000
TBD
Call TI
Call TI
-40 to 125
LO1UB
LP3981ILD-2.5/NOPB
ACTIVE
WSON
NGC
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LO1UB
LP3981ILD-2.8/NOPB
ACTIVE
WSON
NGC
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01ZB
LP3981ILD-3.0/NOPB
ACTIVE
WSON
NGC
6
1000
Green (RoHS
& no Sb/Br)
CU SN | Call TI
Level-3-260C-168 HR
L017B
LP3981ILD-3.3/NOPB
ACTIVE
WSON
NGC
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LO1XB
LP3981ILDX-2.5/NOPB
ACTIVE
WSON
NGC
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LO1UB
LP3981ILDX-2.7/NOPB
ACTIVE
WSON
NGC
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LO1VB
LP3981ILDX-2.8/NOPB
ACTIVE
WSON
NGC
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01ZB
LP3981ILDX-2.83/NOPB
ACTIVE
WSON
NGC
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LO1SB
LP3981ILDX-3.03/NOPB
ACTIVE
WSON
NGC
6
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LO1YB
LP3981IMM-2.5
NRND
VSSOP
DGK
8
1000
TBD
Call TI
Call TI
-40 to 125
LFKB
LP3981IMM-2.5/NOPB
ACTIVE
VSSOP
DGK
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFKB
LP3981IMM-2.7/NOPB
ACTIVE
VSSOP
DGK
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFLB
LP3981IMM-2.8/NOPB
ACTIVE
VSSOP
DGK
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFTB
LP3981IMM-3.0/NOPB
ACTIVE
VSSOP
DGK
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LF3B
LP3981IMM-3.03
NRND
VSSOP
DGK
8
1000
TBD
Call TI
Call TI
-40 to 125
LFPB
LP3981IMM-3.03/NOPB
ACTIVE
VSSOP
DGK
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFPB
LP3981IMM-3.3
NRND
VSSOP
DGK
8
1000
TBD
Call TI
Call TI
-40 to 125
LFNB
LP3981IMM-3.3/NOPB
ACTIVE
VSSOP
DGK
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFNB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com