Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995LQ Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2995LQ
Description  LP2995 DDR Termination Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2995LQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2995LQ Datasheet HTML 5Page - Texas Instruments LP2995LQ Datasheet HTML 6Page - Texas Instruments LP2995LQ Datasheet HTML 7Page - Texas Instruments LP2995LQ Datasheet HTML 8Page - Texas Instruments LP2995LQ Datasheet HTML 9Page - Texas Instruments LP2995LQ Datasheet HTML 10Page - Texas Instruments LP2995LQ Datasheet HTML 11Page - Texas Instruments LP2995LQ Datasheet HTML 12Page - Texas Instruments LP2995LQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0
200
400
600
800
1000
AIRFLOW (Linear Feet per Minute)
SOP Board
JEDEC Board
150
160
140
170
180
100
110
120
130
80
90
LP2995
www.ti.com
SNVS190M – FEBRUARY 2002 – REVISED MARCH 2013
performance are critical, although their cost is typically higher than any other capacitor.
Capacitor recommendations for different application circuits can be seen in the accompanying application notes
with supporting evaluation boards.
Thermal Dissipation
Since the LP2995 is a linear regulator any current flow from VTT will result in internal power dissipation
generating heat. To prevent damaging the part from exceeding the maximum allowable junction temperature,
care should be taken to derate the part dependent on the maximum expected ambient temperature and power
dissipation. The maximum allowable internal temperature rise (TRmax) can be calculated given the maximum
ambient temperature (TAmax) of the application and the maximum allowable junction temperature (TJmax).
TRmax = TJmax − TAmax
From this equation, the maximum power dissipation (PDmax) of the part can be calculated:
PDmax = TRmax / θJA
The
θJA of the LP2995 will be dependent on several variables: the package used; the thickness of copper; the
number of vias and the airflow. For instance, the
θJA of the SOIC-8 is 163°C/W with the package mounted to a
standard 8x4 2-layer board with 1oz. copper, no airflow, and 0.5W dissipation at room temperature. This value
can be reduced to 151.2°C/W by changing to a 3x4 board with 2 oz. copper that is the JEDEC standard.
Figure 14 shows how the
θJA varies with airflow for the two boards mentioned.
Figure 14.
θJA vs Airflow (SOIC-8)
Layout is also extremely critical to maximize the output current with the WQFN package. By simply placing vias
under the DAP the
θJA can be lowered significantly. Figure 15 shows the WQFN thermal data when placed on a
4-layer JEDEC board with copper thickness of 0.5/1/1/0.5 oz. The number of vias, with a pitch of 1.27 mm, has
been increased to the maximum of 4 where a
θJA of 50.41°C/W can be obtained. Via wall thickness for this
calculation is 0.036 mm for 1oz. Copper.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com