Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2995M
Description  LP2995 DDR Termination Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2995M Datasheet(HTML) 1 Page - Texas Instruments

  LP2995M Datasheet HTML 1Page - Texas Instruments LP2995M Datasheet HTML 2Page - Texas Instruments LP2995M Datasheet HTML 3Page - Texas Instruments LP2995M Datasheet HTML 4Page - Texas Instruments LP2995M Datasheet HTML 5Page - Texas Instruments LP2995M Datasheet HTML 6Page - Texas Instruments LP2995M Datasheet HTML 7Page - Texas Instruments LP2995M Datasheet HTML 8Page - Texas Instruments LP2995M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VTT
LP2995
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
+
VSENSE
GND
50PF
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
220PF
0.1PF
LP2995
www.ti.com
SNVS190M – FEBRUARY 2002 – REVISED MARCH 2013
LP2995 DDR Termination Regulator
Check for Samples: LP2995
1
FEATURES
DESCRIPTION
The LP2995 linear regulator is designed to meet the
2
•
Low Output Voltage Offset
JEDEC
SSTL-2
and
SSTL-3
specifications
for
•
Works with +5v, +3.3v and 2.5v Rails
termination of DDR-SDRAM. The device contains a
•
Source and Sink Current
high-speed operational amplifier to provide excellent
response
to
load
transients.
The
output
stage
•
Low External Component Count
prevents
shoot
through
while
delivering
1.5A
•
No External Resistors Required
continuous current and transient peaks up to 3A in
•
Linear Topology
the
application
as
required
for
DDR-SDRAM
termination. The LP2995 also incorporates a VSENSE
•
Available in SOIC-8, SO PowerPAD-8 or
pin to provide superior load regulation and a VREF
WQFN-16 Packages
output as a reference for the chipset and DDR
•
Low Cost and Easy to Use
DIMMS.
WHITE SPACE
APPLICATIONS
WHITE SPACE
•
DDR Termination Voltage
•
SSTL-2
WHITE SPACE
•
SSTL-3
WHITE SPACE
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2995M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2995M NSC-LP2995M Datasheet
291Kb / 13P
DDR Termination Regulator
logo
Texas Instruments
LP2995M TI1-LP2995M Datasheet
1Mb / 24P
DDR Termination Regulator
LP2995M/NOPB TI1-LP2995M/NOPB Datasheet
1Mb / 24P
DDR Termination Regulator
logo
National Semiconductor ...
LP2995MR NSC-LP2995MR Datasheet
291Kb / 13P
DDR Termination Regulator
logo
Texas Instruments
LP2995MR TI1-LP2995MR Datasheet
1Mb / 24P
DDR Termination Regulator
More results

Similar Description - LP2995M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com