Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995MR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2995MR
Description  LP2995 DDR Termination Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2995MR Datasheet(HTML) 5 Page - Texas Instruments

  LP2995MR Datasheet HTML 1Page - Texas Instruments LP2995MR Datasheet HTML 2Page - Texas Instruments LP2995MR Datasheet HTML 3Page - Texas Instruments LP2995MR Datasheet HTML 4Page - Texas Instruments LP2995MR Datasheet HTML 5Page - Texas Instruments LP2995MR Datasheet HTML 6Page - Texas Instruments LP2995MR Datasheet HTML 7Page - Texas Instruments LP2995MR Datasheet HTML 8Page - Texas Instruments LP2995MR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
2
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
-100
-75
-50
-25
0
25
50
75
100
IOUT (mA)
1.22
1.225
1.23
1.235
1.24
1.245
1.25
LP2995
www.ti.com
SNVS190M – FEBRUARY 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Maximum Output Current (Sourcing)
VTT
vs
vs
VIN
IOUT
(VDDQ = 2.5)
Figure 10.
Figure 11.
Maximum Output Current (Sinking)
vs
VIN
(VDDQ = 2.5)
Figure 12.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com