Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995MRX Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2995MRX
Description  LP2995 DDR Termination Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2995MRX Datasheet(HTML) 3 Page - Texas Instruments

  LP2995MRX Datasheet HTML 1Page - Texas Instruments LP2995MRX Datasheet HTML 2Page - Texas Instruments LP2995MRX Datasheet HTML 3Page - Texas Instruments LP2995MRX Datasheet HTML 4Page - Texas Instruments LP2995MRX Datasheet HTML 5Page - Texas Instruments LP2995MRX Datasheet HTML 6Page - Texas Instruments LP2995MRX Datasheet HTML 7Page - Texas Instruments LP2995MRX Datasheet HTML 8Page - Texas Instruments LP2995MRX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LP2995
www.ti.com
SNVS190M – FEBRUARY 2002 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
AVIN to GND
−0.3V to +6V
PVIN to GND
-0.3V to AVIN
VDDQ (3)
−0.3V to +6V
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
SO PowerPAD-8 Thermal Resistance (
θJA)
43°C/W
SOIC-8 Thermal Resistance (
θJA)
151°C/W
WQFN-16 Thermal Resistance (
θJA)
51°C/W
Lead Temperature (Soldering, 10 sec)
260°C
ESD Rating (4)
1kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating range indicates conditions for which
the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test conditions
see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
VDDQ voltage must be less than 2 x (AVIN - 1) or 6V, whichever is smaller.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Range
Junction Temp. Range (1)
0°C to +125°C
AVIN to GND
2.2V to 5.5V
PVIN to GND
2.2V to AVIN
(1)
At elevated temperatures, devices must be derated based on thermal resistance. The device in the SOIC-8 package must be derated at
θJA = 151° C/W junction to ambient with no heat sink. The device in the WQFN-16 must be derated at θJA = 51° C/W junction to
ambient.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating
Temperature Range (TJ = 0°C to +125°C). Unless otherwise specified, AVIN = PVIN = 2.5V, VDDQ = 2.5V
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
VREF Voltage
IREF_OUT = 0mA
1.21
1.235
1.26
V
VOSVTT
VTT Output Voltage Offset
IOUT = 0A
−15
0
15
mV
(2)
−20
20
ΔVTT/VTT
Load Regulation
IOUT = 0 to 1.5A
0.5
%
(3)
IOUT = 0 to −1.5A
−0.5
ZVREF
VREF Output Impedance
IREF = −5µA to +5µA
5
k
Ω
ZVDDQ
VDDQ Input Impedance
100
k
Ω
Iq
Quiescent Current
IOUT = 0A
250
400
µA
(4)
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
VTT offset is the voltage measurement defined as VTT subtracted from VREF.
(3)
Load regulation is tested by using a 10ms current pulse and measuring VTT.
(4)
Quiescent current defined as the current flow into AVIN.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com