Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2980-N Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2980-N Datasheet HTML 13Page - Texas Instruments LP2980-N Datasheet HTML 14Page - Texas Instruments LP2980-N Datasheet HTML 15Page - Texas Instruments LP2980-N Datasheet HTML 16Page - Texas Instruments LP2980-N Datasheet HTML 17Page - Texas Instruments LP2980-N Datasheet HTML 18Page - Texas Instruments LP2980-N Datasheet HTML 19Page - Texas Instruments LP2980-N Datasheet HTML 20Page - Texas Instruments LP2980-N Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2980IM5-3.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L02B
LP2980IM5-3.3
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
L00B
LP2980IM5-3.3/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L00B
LP2980IM5-3.8/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L21B
LP2980IM5-4.7/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L37B
LP2980IM5-5.0
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
L01B
LP2980IM5-5.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L01B
LP2980IM5X-2.5
NRND
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L0NB
LP2980IM5X-2.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L0NB
LP2980IM5X-3.0
NRND
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L02B
LP2980IM5X-3.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L02B
LP2980IM5X-3.3
NRND
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L00B
LP2980IM5X-3.3/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L00B
LP2980IM5X-4.7/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L37B
LP2980IM5X-5.0
NRND
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
L01B
LP2980IM5X-5.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L01B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com