Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954IS Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2954IS
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954IS Datasheet(HTML) 2 Page - Texas Instruments

  LP2954IS Datasheet HTML 1Page - Texas Instruments LP2954IS Datasheet HTML 2Page - Texas Instruments LP2954IS Datasheet HTML 3Page - Texas Instruments LP2954IS Datasheet HTML 4Page - Texas Instruments LP2954IS Datasheet HTML 5Page - Texas Instruments LP2954IS Datasheet HTML 6Page - Texas Instruments LP2954IS Datasheet HTML 7Page - Texas Instruments LP2954IS Datasheet HTML 8Page - Texas Instruments LP2954IS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator
LP2954, LP2954A
SNVS096D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Operating Junction Temperature Range
LP2954AI/LP2954I
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 5 seconds)
260°C
Power Dissipation(3)
Internally Limited
Input Supply Voltage
−20V to +30V
ESD Rating(4)
2 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ (MAX), the junction-to-ambient thermal
resistance,
θJ-A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using:
will go into thermal shutdown. The junction-to-ambient thermal resistance of the TO-220 (without heatsink) is 60°C/W, 73°C/W for the
DDPAK/TO-263, and 160°C/W for the SOIC-8. If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by
increasing the P.C. board copper area thermally connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with
1 square inch of copper area,
θJA is 37°C/W; and with 1.6 or more square inches of copper area, θJA is 32°C/W. The junction-to-case
thermal resistance is 3°C/W. If an external heatsink is used, the effective junction-to-ambient thermal resistance is the sum of the
junction-to-case resistance (3°C/W), the specified thermal resistance of the heatsink selected, and the thermal resistance of the interface
between the heatsink and the LP2954. Some typical values are listed for interface materials used with TO-220:
(4)
Human body model, 200pF discharged through 1.5k
Ω.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com