Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954 Datasheet(HTML) 1 Page - Texas Instruments

  LP2954 Datasheet HTML 1Page - Texas Instruments LP2954 Datasheet HTML 2Page - Texas Instruments LP2954 Datasheet HTML 3Page - Texas Instruments LP2954 Datasheet HTML 4Page - Texas Instruments LP2954 Datasheet HTML 5Page - Texas Instruments LP2954 Datasheet HTML 6Page - Texas Instruments LP2954 Datasheet HTML 7Page - Texas Instruments LP2954 Datasheet HTML 8Page - Texas Instruments LP2954 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP2954, LP2954A
www.ti.com
SNVS096D – JUNE 1999 – REVISED MARCH 2013
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
Check for Samples: LP2954, LP2954A
1
FEATURES
DESCRIPTION
The LP2954 is a 5V micropower voltage regulator
2
•
5V Output within 1.2% Over Temperature
with very low quiescent current (90
μA typical at 1 mA
(A Grade)
load) and very low dropout voltage (typically 60 mV at
•
Adjustable 1.23 to 29V Output Voltage
light loads and 470 mV at 250 mA load current).
Available (LP2954IM and LP2954AIM)
The quiescent current increases only slightly at
•
Ensured 250 mA Output Current
dropout (120
μA typical), which prolongs battery life.
•
Extremely Low Quiescent Current
The LP2954 with a fixed 5V output is available in the
•
Low Dropout Voltage
three-lead TO-220 and DDPAK/TO-263 packages.
•
Reverse Battery Protection
The adjustable LP2954 is provided in an 8-lead
surface mount, small outline package. The adjustable
•
Extremely Tight Line and Load Regulation
version also provides a resistor network which can be
•
Very Low Temperature Coefficient
pin strapped to set the output to 5V.
•
Current and Thermal Limiting
Reverse battery protection is provided.
•
Pin Compatible with LM2940 and LM340
The tight line and load regulation (0.04% typical), as
(5V Version Only)
well as very low output temperature coefficient make
•
Adjustable Version Adds Error Flag to Warn of
the LP2954 well suited for use as a low-power
Output Drop and a Logic-Controlled Shutdown
voltage reference.
Output accuracy is ensured at both room temperature
APPLICATIONS
and over the entire operating temperature range.
•
High-Efficiency Linear Regulator
•
Low Dropout Battery-Powered Regulator
Package Outline and Ordering Information
Figure 1. TO-220 3–Lead Plastic Package (Front
Figure 2. SO-8 Small Outline Surface Mount (Top
View)
View)
Figure 3. TO-263 3-Lead Plastic Surface-Mount
Figure 4. TO-263 3-Lead Plastic Surface-Mount
Package (Top View)
Package (Side View)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2954 TI1-LP2954 Datasheet
2Mb / 28P
5-V and Adjustable Micropower LDOs
logo
National Semiconductor ...
LP2954A NSC-LP2954A Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2954A TI1-LP2954A Datasheet
2Mb / 28P
5-V and Adjustable Micropower LDOs
logo
National Semiconductor ...
LP2954AIM NSC-LP2954AIM Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
More results

Similar Description - LP2954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML-SP TI-LP2953QML-SP_15 Datasheet
718Kb / 26P
LP2953QML Adjustable Micropower Low-Dropout Voltage Regulators
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2954A TI-LP2954A_15 Datasheet
1Mb / 24P
LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
Adjustable Micropower Low-Dropout Voltage Regulators
LP2952-N TI1-LP2952-N Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com