Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954A
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954A Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2954A Datasheet HTML 9Page - Texas Instruments LP2954A Datasheet HTML 10Page - Texas Instruments LP2954A Datasheet HTML 11Page - Texas Instruments LP2954A Datasheet HTML 12Page - Texas Instruments LP2954A Datasheet HTML 13Page - Texas Instruments LP2954A Datasheet HTML 14Page - Texas Instruments LP2954A Datasheet HTML 15Page - Texas Instruments LP2954A Datasheet HTML 16Page - Texas Instruments LP2954A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LP2954, LP2954A
www.ti.com
SNVS096D – JUNE 1999 – REVISED MARCH 2013
* In shutdown mode, ERROR will go high if it has been pulled up to an external supply. To avoid this invalid
response, pull up to regulator output.
** Exact value depends on dropout voltage. (See Application Hints)
Figure 25. ERROR Output Timing
OUTPUT ISOLATION
The regulator output can be left connected to an active voltage source (such as a battery) with the regulator input
power turned off, as long as the regulator ground pin is connected to ground . If the ground pin is left
floating, damage to the regulator can occur if the output is pulled up by an external voltage source.
REDUCING OUTPUT NOISE
In reference applications it may be advantageous to reduce the AC noise present on the output. One method is
to reduce regulator bandwidth by increasing output capacitance. This is relatively inefficient, since large
increases in capacitance are required to get significant improvement.
Noise can be reduced more effectively by a bypass capacitor placed across R1 (refer to Figure 24). The formula
for selecting the capacitor to be used is:
(5)
This gives a value of about 0.1
μF. When this is used, the output capacitor must be 6.8 μF (or greater) to
maintain stability. The 0.1
μF capacitor reduces the high frequency gain of the circuit to unity, lowering the output
noise from 260
μV to 80 μV using a 10 Hz to 100 kHz bandwidth. Also, noise is no longer proportional to the
output voltage, so improvements are more pronounced at high output voltages.
SHUTDOWN INPUT
A logic-level signal will shut off the regulator output when a “LOW” (<1.2V) is applied to the Shutdown input.
To prevent possible mis-operation, the Shutdown input must be actively terminated. If the input is driven from
open-collector logic, a pull-up resistor (20 k
Ω to 100 kΩ recommended) should be connected from the Shutdown
input to the regulator input.
If the Shutdown input is driven from a source that actively pulls high and low (like an op-amp), the pull-up resistor
is not required, but may be used.
If the shutdown function is not to be used, the cost of the pull-up resistor can be saved by simply tying the
Shutdown input directly to the regulator input.
IMPORTANT: Since the Absolute Maximum Ratings state that the Shutdown input can not go more than 0.3V
below ground, the reverse-battery protection feature which protects the regulator input is sacrificed if the
Shutdown input is tied directly to the regulator input.
If reverse-battery protection is required in an application, the pull-up resistor between the Shutdown input and the
regulator input must be used.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com