Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38693MP-3.3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-3.3
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693MP-3.3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38693MP-3.3 Datasheet HTML 4Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 5Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 6Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 7Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 8Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 9Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 10Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 11Page - Texas Instruments LP38693MP-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
20
10
0
-10
-20
3
4
5
VIN
VOUT
VOUT = 3.3V
COUT = 100 PF
200 Ps/DIV
LP38691, LP38693
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, Enable pin is tied to VIN (LP38693 only), VOUT = 1.8V, VIN = VOUT
+1V, IL = 10mA.
Line Transient Response
Line Transient Response
Figure 15.
Figure 16.
Line Transient Response
Load Transient Response
Figure 17.
Figure 18.
Load Transient Response
VOUT vs Temperature (5.0V)
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP38691 LP38693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com