Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954IMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2954IMX
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954IMX Datasheet(HTML) 4 Page - Texas Instruments

  LP2954IMX Datasheet HTML 1Page - Texas Instruments LP2954IMX Datasheet HTML 2Page - Texas Instruments LP2954IMX Datasheet HTML 3Page - Texas Instruments LP2954IMX Datasheet HTML 4Page - Texas Instruments LP2954IMX Datasheet HTML 5Page - Texas Instruments LP2954IMX Datasheet HTML 6Page - Texas Instruments LP2954IMX Datasheet HTML 7Page - Texas Instruments LP2954IMX Datasheet HTML 8Page - Texas Instruments LP2954IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP2954, LP2954A
SNVS096D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C, bold typeface applies over the −40°C to +125°C temperature range. Limits
are specified by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless
otherwise noted: VIN = 6V, IL = 1 mA, CL = 2.2 μF.
2954AI
2954I
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Min
Max
Additional Specifications for the Adjustable Device (LP2954AIM and LP2954IM)
VREF
See(8)
1.230
1.215
1.245
1.205
1.255
Reference Voltage
V
1.205
1.255
1.190
1.270
ΔVREF/
VIN=2.5V to
0.03
0.1
0.2
%
VREF
VO(NOM)+1V
Reference Voltage
Line Regulation
VIN=2.5V to
0.2
0.4
%
VO(NOM)+1V to 30V(9)
ΔVREF/ΔT
Reference Voltage
Temperature
See(2)
20
ppm/°C
Coefficient
IB(FB)
Feedback Pin Bias
20
40
40
nA
Current
60
60
IGND
Ground Pin Current at
VSHUTDOWN≤1.1V
105
140
140
μA
Shutdown(5)
IO(SINK)
Output "OFF" Pulldown See(10)
30
30
mA
Current
20
20
Dropout Detection Comparator
IOH
Output "HIGH"
VOH=30V
0.01
1
1
μA
Leakage Current
2
2
VOL
VIN=VO(NOM)−0.5V
150
250
250
Output "LOW" Voltage
mV
IO(COMP)=400μA
400
400
VTHR(MAX) Upper Threshold
See(11)
−60
−80
−35
−80
−35
mV
Voltage
−95
−25
−95
−25
VTHR(MIN)
Lower Threshold
See(12)
−85
−110
−55
−110
−55
mV
Voltage
−160
−40
−160
−40
HYST
Hysteresis
See(12)
15
mV
Shutdown Input
VOS
(Referred to VREF)
±3
−7.5
7.5
−7.5
7.5
Input Offset Voltage
mV
−10
10
−10
10
HYST
Hysteresis
6
mV
IB
VIN(S/D)=0V to 5V
10
−30
30
−30
30
Input Bias Current
nA
−50
50
−50
50
(8)
VREF≤VOUT≤(VIN−1V), 2.3V≤VIN≤30V, 100μA≤IL≤250mA.
(9)
Two seperate tests are performed, one covering VIN=2.5V to VO(NOM)+1V and the other test for VIN=2.5V to VO(NOM)+1V to 30V.
(10) VSHUTDOWN≤1.1V, VOUT=VO(NOM).
(11) Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage
measured at VIN=VO(NOM)+1V. To express these thresholds in terms of output voltage change, multiply by the Error amplifier gain,
which is VOUT/VREF=(R1+R2)/R2.
(12) Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage
measured at VIN=VO(NOM)+1V. To express these thresholds in terms of output voltage change, multiply by the Error amplifier gain,
which is VOUT/VREF=(R1+R2)/R2.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com