Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2954IT Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2954IT
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954IT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2954IT Datasheet HTML 6Page - Texas Instruments LP2954IT Datasheet HTML 7Page - Texas Instruments LP2954IT Datasheet HTML 8Page - Texas Instruments LP2954IT Datasheet HTML 9Page - Texas Instruments LP2954IT Datasheet HTML 10Page - Texas Instruments LP2954IT Datasheet HTML 11Page - Texas Instruments LP2954IT Datasheet HTML 12Page - Texas Instruments LP2954IT Datasheet HTML 13Page - Texas Instruments LP2954IT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LP2954, LP2954A
SNVS096D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
EXTERNAL CAPACITORS
A 2.2
μF (or greater) capacitor is required between the output pin and the ground to assure stability (refer to
Figure 23). Without this capacitor, the part may oscillate. Most types of tantalum or aluminum electrolytics will
work here. Film types will work, but are more expensive. Many aluminum electrolytics contain electrolytes which
freeze at
−30°C, which requires the use of solid tantalums below −25°C. The important parameters of the
capacitor are an ESR of about 5
Ω or less and a resonant frequency above 500 kHz (the ESR may increase by a
factor of 20 or 30 as the temperature is reduced from 25°C to
−30°C). The value of this capacitor may be
increased without limit. At lower values of output current, less output capacitance is required for stability. The
capacitor can be reduced to 0.68
μF for currents below 10 mA or 0.22 μF for currents below 1 mA.
A 1
μF capacitor should be placed from the input pin to ground if there is more than 10 inches of wire between
the input and the AC filter capacitor or if a battery input is used.
Programming the output for voltages below 5V runs the error amplifier at lower gains requiring more output
capacitance for stability. At 3.3V output, a minimum of 4.7
μF is required. For the worst case condition of 1.23V
output and 250 mA of load current, a 6.8
μF (or larger) capacitor should be used.
Stray capacitance to the Feedback terminal can cause instability. This problem is most likely to appear when
using high value external resistors to set the output voltage. Adding a 100 pF capacitor between the Output and
Feedback pins and increasing the output capacitance to 6.8
μF (or greater) will cure the problem.
MINIMUM LOAD
When setting the output voltage using an external resistive divider, a minimum current of 1
μA is recommended
through the resistors to provide a minimum load.
It should be noted that a minimum load current is specified in several of the electrical characteristic test
conditions, so this value must be used to obtain correlation on these tested limits. The part is parametrically
tested down to 100
μA, but is functional with no load.
DROPOUT VOLTAGE
The dropout voltage of the regulator is defined as the minimum input-to-output voltage differential required for the
output voltage to stay within 100 mV of the output voltage measured with a 1V differential. The dropout voltages
for various values of load current are listed under Electrical Characteristics.
If the regulator is powered from a rectified AC source with a capacitive filter, the minimum AC line voltage and
maximum load current must be used to calculate the minimum voltage at the input of the regulator. The minimum
input voltage, including AC ripple on the filter capacitor, must not drop below the voltage required to keep the
LP2954 in regulation. It is also advisable to verify operating at minimum operating ambient temperature, since
the increasing ESR of the filter capacitor makes this a worst-case test for dropout voltage due to increased ripple
amplitude.
HEATSINK REQUIREMENTS
A heatsink may be required with the LP2954 depending on the maximum power dissipation and maximum
ambient temperature of the application. Under all possible operating conditions, the junction temperature must be
within the range specified under Absolute Maximum Ratings.
To determine if a heatsink is required, the maximum power dissipated by the regulator, P(max), must be
calculated. It is important to remember that if the regulator is powered from a transformer connected to the AC
line, the maximum specified AC input voltage must be used (since this produces the maximum DC input
voltage to the regulator). Figure 23 shows the voltages and currents which are present in the circuit. The formula
for calculating the power dissipated in the regulator is also shown in Figure 23.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com