Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV832MM Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV832MM
Description  LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV832MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV832MM Datasheet HTML 9Page - Texas Instruments LMV832MM Datasheet HTML 10Page - Texas Instruments LMV832MM Datasheet HTML 11Page - Texas Instruments LMV832MM Datasheet HTML 12Page - Texas Instruments LMV832MM Datasheet HTML 13Page - Texas Instruments LMV832MM Datasheet HTML 14Page - Texas Instruments LMV832MM Datasheet HTML 15Page - Texas Instruments LMV832MM Datasheet HTML 16Page - Texas Instruments LMV832MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
RF INPUT PEAK VOLTAGE (dBVp)
140
130
120
110
100
90
80
70
60
50
40
30
20
-40
-30
-20
-10
0
10
-40°C
25°C
125°C
85°C
fRF = 2400 MHz
FREQUENCY (MHz)
140
130
120
110
100
90
80
70
60
50
40
30
20
10
100
1000
10000
125°C
85°C
-40°C
25°C
V
+
= 3.3V, 5.0V
VPEAK = -20 dBVp
RF INPUT PEAK VOLTAGE (dBVp)
140
130
120
110
100
90
80
70
60
50
40
30
20
-40
-30
-20
-10
0
10
-40°C
25°C
125°C
85°C
fRF = 900 MHz
RF INPUT PEAK VOLTAGE (dBVp)
140
130
120
110
100
90
80
70
60
50
40
30
20
-40
-30
-20
-10
0
10
-40°C
25°C
125°C
85°C
fRF = 1800 MHz
FREQUENCY (Hz)
1k
100
10
1
0.1
0.01
100
1k
10k
100k
1M
10M
AV = 10x
AV = 100x
AV = 1x
RF INPUT PEAK VOLTAGE (dBVp)
140
130
120
110
100
90
80
70
60
50
40
30
20
-40
-30
-20
-10
0
10
-40°C
25°C
125°C
85°C
fRF = 400 MHz
LMV831, LMV832, LMV834
www.ti.com
SNOSAZ6B – AUGUST 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, V
+ = 3.3V, V− = 0V, Unless otherwise specified.
ROUT vs. Frequency
EMIRR IN+ vs. Power at 400 MHz
Figure 41.
Figure 42.
EMIRR IN+ vs. Power at 900 MHz
EMIRR IN+ vs. Power at 1800 MHz
Figure 43.
Figure 44.
EMIRR IN+ vs. Power at 2400 MHz
EMIRR IN+ vs. Frequency
Figure 45.
Figure 46.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV831 LMV832 LMV834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com